Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89834U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DESCRIPTION
s Guaranteed AC performance over temperature
and voltage:
• > 1.0GHz fMAX
• < 20ps within-device skew
• < 225ps rise/fall times
s Low jitter design:
• Cycle-to-cycle: < 1ps (rms)
• Total jitter: < 10ps (pk-pk)
s Low voltage 2.5V and 3.3V supply operation
s Four differential 100k LVPECL outputs
s Wide operating temperature range: –40
°C to +85°C
s Includes a 2:1 MUX select input
s Accepts single-ended TTL/CMOS inputs and
provides four LVPECL outputs
s Available in 16-pin (3mm
××××× 3mm) MLF™ package
FEATURES
2.5V/3.3V TWO INPUT , 1GHz
LVTTL/CMOS-TO-LVPECL
1:4 FANOUT BUFFER/TRANSLATOR
Precision Edge™
SY89834U
APPLICATIONS
s Processor clock distribution/translation
s SONET clock distribution/translation
s Fibre Channel clock distribution/translation
s Gigabit Ethernet clock distribution/translation
s Single-ended ASIC-to-differential communication
IC signal translation
1
Rev.: C
Amendment: /0
Issue Date:
February 2003
The SY89834U is a high-speed, 2GHz LVTTL/CMOS-to-
LVPECL fanout buffer/translator optimized for high-speed
ultra-low skew applications. The input stage is designed to
accept two single-ended LVTTL/CMOS compatible signals
that feed into a 2:1 MUX. The selected input is translated
and distributed as four differential 100K compatible LVPECL
outputs. Within device skew is guaranteed to be less than
20ps over supply voltage and temperature.
The single-ended input buffers accept TTL/CMOS logic
levels. The internal threshold of the buffers is defined as
VCC/2.
The SY89834U is a part of Micrel's high-speed Precision
Edge™ family. For applications that require a different I/O
combination, consult Micrel's website at
www.micrel.com,
and choose from a comprehensive product line of high-
speed, low-skew fanout buffers, translators and clock
generators.
FUNCTIONAL BLOCK DIAGRAM
Precision Edge is a trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
IN1
(LVTTL/CMOS)
(LVTTL/CMOS)
2 Single-Ended
Clock/Data Inputs
IN2
Q0
/Q0
Q1
/Q1
4 Differential
LVPECL Outputs
Q2
/Q2
Q3
/Q3
Q
D
EN
SEL
1
0
MUX
Precision Edge™


Similar Part No. - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U Datasheet
156Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89834U MICREL-SY89834U Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMG MICREL-SY89834UMG Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMGTR MICREL-SY89834UMGTR Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMI MICREL-SY89834UMI Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
More results

Similar Description - SY89834U

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
ON Semiconductor
MC100EPT26 ONSEMI-MC100EPT26_06 Datasheet
134Kb / 9P
3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
November, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
logo
Integrated Device Techn...
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
ON Semiconductor
NB7L1008 ONSEMI-NB7L1008 Datasheet
185Kb / 10P
2.5V / 3.3V 1:8 LVPECL Fanout Buffer
April, 2014 ??Rev. 1
NB3L853141 ONSEMI-NB3L853141_15 Datasheet
113Kb / 10P
2.5V/3.3V 1:5 LVPECL Fanout Buffer
December, 2015 ??Rev. 2
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com