Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89834U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PRELIMINARY
Precision Edge™
SY89834U
Micrel
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Part Number
Type
Range
Marking
SY89834UMI
MLF-16
Industrial
834U
SY89834UMITR*
MLF-16
Industrial
834U
*Tape and Reel
Pin Number
Pin Name
Pin Function
15, 16
(Q0, /Q0) to
LVPECL Differential (Outputs): Terminate to VCC–2V. See
“Termination Recommendations”
1, 2, 3, 4, 5, 6
(Q3, /Q3)
section. Unused outputs may be left floating without impacting jitter and skew.
8
EN
TTL/CMOS Compatible Synchronous Enable: When EN goes LOW, Q outputs will go LOW
and /Q outputs will go HIGH on the next LOW transition at IN inputs. Input threshold is
VCC/2V. Includes a 25kΩ pull-up resistor. Default state is HIGH when left floating. The internal
latch is clocked on the falling edge of the input signal (IN1, IN2).
9, 12
IN2, IN1
TTL/CMOS Compatible Data/Clock (Inputs): IN1 and IN2 include a 25k
Ω pull-up resistor.
The default state is HIGH when left floating.
10
NC
No Connect. Not internally connected.
11
SEL
TTL/CMOS Compatible Select Input for signals IN1 and IN2. The input threshold is
VCC/2V. HIGH at the SEL input selects signal IN1. LOW at the SEL input selects signal IN2.
SEL includes a 25k
Ω pull-up resistor. The default state is HIGH when left floating.
13,
GND
Ground. Exposed pad internally connected to GND and must be connected to a ground plane
Exposed Pad
for proper termination.
7, 14
VCC
Positive Power Supply: Connect VCC pins together on the PCB to maintain the same
potential. Bypass with 0.1
µF//0.01µF low ESR capacitors.
PIN DESCRIPTION
1
2
3
4
12
11
10
9
16 15 14 13
5678
Q1
/Q1
Q2
/Q2
IN1
SEL
NC
IN2
16-Pin MLF™
IN1
IN2
EN
SEL
Q0–Q3
/Q0–Q3
0
X
110
1
1
X
111
0
X
0100
1
X
1101
0
XX
0
X
0(1)
0(1)
Note 1.
On next negative transition of the input signal (IN).
TRUTH TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com