Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89834U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PRELIMINARY
Precision Edge™
SY89834U
Micrel
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) .................................. –0.5V to +4.0V
Input Voltage (V
IN) ............................... –0.5V to VCC +0.3V
ECL Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Input Current (IN1, IN2) ............................................
±50mA
Lead Temperature (Soldering, 10sec.), ................... 220
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage Range .......................... +2.375V to +3.63V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MLF™
(θ
JA)
Still-Air ............................................................. 60
°C/W
500lfpm ............................................................ 54
°C/W
MLF™
(ψ
JB) Junction-to-Board, Note 3 .............. 32°C/W
T
A = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply Voltage Range
2.375
3.63
V
I
CC
Power Supply Current
No load, maximum supply voltage
50
75
mA
V
IN
Input Voltage Swing
see Figures 2a–2b.
0.1
V
DIFF_IN
Input Differential Swing
see Figures 2a–2b.
0.2
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a
test socket or mounted on a printed circuit board and airflow greater than 500lfpm is maintained.
Note 2.
Specification for packaged product only.
DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG
conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Junction-to-board resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
V
CC = 2.5V ±5% or VCC = 3.3V ±10% , TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
CC
V
V
IL
Input LOW Voltage
0
0.8
V
I
IH
Input HIGH Current
–125
20
µA
I
IL
Input LOW Current
–300
µA
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
V
CC = 2.5V ±5% or VCC = 3.3V ±10% , TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
R
L = 50Ω to VCC–2V
V
CC–1.145 VCC–1.020 VCC–0.895
V
V
OL
Output LOW Voltage
R
L = 50Ω to VCC–2V
V
CC–1.945 VCC–1.820 VCC–1.695
V
V
OUT
Output Voltage Swing
see Figures 2a–2b.
550
800
1050
mV
V
DIFF_OUT
Differential Output Voltage Swing
see Figures 2a–2b.
1100
1600
2100
mV
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
LVTTL/CMOS INPUTS DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)
(100KEP) LVPECL OUTPUTS DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com