Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89834U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor SY89834U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PRELIMINARY
Precision Edge™
SY89834U
Micrel
TERMINATION RECOMMENDATIONS
R2
82
Ω
R2
82
Ω
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Vt = VCC —2V
R1
130
Ω
R1
130
Ω
+3.3V
Figure 4a. Parallel Termination–Thevenin Equivalent
Note 1.
For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω
For +3.3V systems: R1 = 130
Ω, R2 = 82Ω
Z = 50
Ω
Z = 50
Ω
50
Ω
50
Ω
50
Ω
+3.3V
+3.3V
source
destination
Rb
C1
0.01
µF
(optional)
Figure 4b. Three-Resistor “Y–Termination”
Note 1.
Power-saving alternative to Thevenin termination.
Note 2.
Place termination resistors as close to destination inputs as possible.
Note 3.
Rb resistor sets the DC bias voltage, equal to Vt. For +3.3V systems Rb = 50Ω. For +2.5V systems Rb = 39Ω.
+3.3V
+3.3V
ZO = 50Ω
R2
82
Ω
+3.3V
+3.3V
R1
130
Ω
R1
130
Ω
R2
82
Ω
Vt = VCC —2V
Q
/Q
R3
1k
Ω
R4
1.6k
Ω
Vt = VCC —1.3V
Figure 4c. Terminating Unused LVPECL I/O
Note 1.
Unused output (/Q) must be terminated to balance the output.
Note 2.
For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω, R3 = 1.25kΩ, R4 = 1.2kΩ.
Note 3.
Unused output pairs (Q and /Q) may be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com