Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM1617 Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 3 Page - Microchip Technology

  TCM1617 Datasheet HTML 1Page - Microchip Technology TCM1617 Datasheet HTML 2Page - Microchip Technology TCM1617 Datasheet HTML 3Page - Microchip Technology TCM1617 Datasheet HTML 4Page - Microchip Technology TCM1617 Datasheet HTML 5Page - Microchip Technology TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
TCM1617
TCM1617-1 2/5/99
 2001 Microchip Technology Inc.
DS21485A
SMBus Thermal Sensor with External Diode Input
NOTES: 1. Operating current is an average value (including external diode injection pulse current) integrated over multiple conversion cycles.
Transient current may exceed this specification.
2. For true reccurring conversion time see Conversion Rate register description.
3. Output current should be minimized for best temperature accuracy. Power dissipation within the TCM1617 will cause self-heating and
temperature drift error.
4. Refer to Application Note 64.
SMBus PORT AC TIMING: VDD = 3.3V, –55 ≤ (TA = TJ) ≤ 125°C; CL = 80 pF, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fSMB
SMBus Clock Frequency
10
—
100
KHz
tLOW
Low Clock Period
10% to 10%
4.7
—
—
µsec
tHIGH
High Clock Period
90% to 90%
4
—
—
µsec
tR
SMBus Rise Time
10% to 90%
—
—
1,000
nsec
tF
SMBus Fall Time
90% to 10%
—
—
300
nsec
tSU(START)
Start Condition Setup Time
90% SCL to 10% SDA
4
—
—
µsec
(for Repeated Start Condition)
tH(START)
Start Condition Hold Time
4
—
—
µsec
tSU-DATA
Data in Set Up Time
1000
—
—
nsec
tH-DATA
Data in Hold Time
1250
—
—
nsec
tSU(STOP)
Stop Condition Setup Time
4
—
—
µsec
tIDLE
Bus Free Time Prior to
4.7
—
—
µsec
New Transition
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCONV
Conversion Time
from CHIP STOP to Conv.
54
83
112
msec
Complete (Note 2)
∆CR
Conversion Rate Accuracy
See Conversion Rate Register Desc.
–35
—
+35
%
2-Wire SMBus Interface
VIH
Logic Input High
2.2
——
V
VIL
Logic Input Low
—
—
0.8
V
VOL
SDA Output Low
IOL = 2 mA (Note 3)
—
—
0.4
V
IOL = 4 mA (Note 3)
—
—
0.6
V
CIN
Input Capacitance SDA, SCL
—
5
—
pF
ILEAK
I/O Leakage
–1
0.1
1
µA
ELECTRICAL CHARACTERISTICS (CONT): VDD = 3.3V, –55°C ≤ TA ≤ 125°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com