Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM1617 Datasheet(PDF) 2 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 2 Page - Microchip Technology

  TCM1617 Datasheet HTML 1Page - Microchip Technology TCM1617 Datasheet HTML 2Page - Microchip Technology TCM1617 Datasheet HTML 3Page - Microchip Technology TCM1617 Datasheet HTML 4Page - Microchip Technology TCM1617 Datasheet HTML 5Page - Microchip Technology TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SMBus Thermal Sensor with External Diode Input
TCM1617
TCM1617-1
2/5/99
 2001 Microchip Technology Inc.
DS21485A
ABSOLUTE MAXIMUM RATINGS*
Power Supply Voltage (VDD) .........................................6V
Voltage On Any Pin ............ (GND – 0.3V) to (VDD + 0.3V)
Operating Temperature (TA) .................. –55°C to +125°C
Storage Temperature (TSTG) .................. –65°C to +150°C
SMBus Input/Output Current ................. –1 mA to +50 mA
D– Input Current ......................................................
±1 mA
Max. Power Dissipation ........................................330 mW
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS: VDD = 3.3V, –55°C ≤ TA ≤ 125°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Power Supply
VDD
Power Supply Voltage
–55
≤ TA ≤ +125°C
3.0
—
5.5
V
VUV-LOCK
VDD Undervoltage
2.4
2.80
2.95
V
Lockout Threshold
VPOR
Power-On Reset Threshold
VDD Falling Edge
1.0
1.7
2.3
V
IDD
Operating Current
0.25 Conv./Sec Rate
—
—
70
µA
SMBus Inactive (Note 1)
IDD
Operating Current
2 Conv./Sec Rate
—
—
180
µA
SMBus Inactive (Note 1)
IDD-STANDBY Standby Supply Current
VDD = 3.3V SMBus Active
—
—
100
µA
IDD-STANDBY Standby Supply Current
VDD = 3.3V, SMBus Inactive
—
—
10
µA
IADD-BIAS
ADD[1:0] Bias Current
Power-Up Only
—
160
—
µA
ALERT# Output
VOL
Output Low Voltage
IOL = 1.0 mA (Note 3)
—
—
0.4
V
ADD[1:0] Inputs
VIL
Logic Input Low
—
—
VDD x 0.3
V
VIH
Logic Input High
VDD x 0.7
—
—
V
STBY# Input
VIL
Logic Input Low
—
—
VDD x 0.3
V
VIH
Logic Input High
VDD x 0.7
—
—
V
Temp-to-Bits Converter
TRES
Basic Temperature Resolution
—
1
—
°C
TIERR1
Internal Diode Temperature
+60
°C ≤ TA ≤ +100°C–2
—
+2
°C
0
°C ≤ TA ≤ +125°C–3
—
+3
°C
–55
°C ≤ TA < 0°C—
±3—
TEERR
External Diode Temperature
+60
°C ≤ TA ≤ +100°C–3
—
+3
°C
(Note 4)
0
°C ≤ TA ≤ +125°C–3
–5
—
+5
°C
–55
°C ≤ TA < 0°C
±5—
°C
IDIODE-HIGH
External Diode
(D+) – (D–) ~ 0.65V
—
100
—
µA
High Source Current
IDIODE-LOW
External Diode
(D+) – (D–) ~ 0.65V
—
10
—
µA
Low Source Current
VD-SOURCE
D– Source Voltage
—
0.7
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com