Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM1617 Datasheet(PDF) 11 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology TCM1617 Datasheet HTML 10Page - Microchip Technology TCM1617 Datasheet HTML 11Page - Microchip Technology TCM1617 Datasheet HTML 12Page - Microchip Technology TCM1617 Datasheet HTML 13Page - Microchip Technology TCM1617 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
TCM1617
TCM1617-1 2/5/99
 2001 Microchip Technology Inc.
DS21485A
SMBus Thermal Sensor with External Diode Input
Temperature Registers, 8-Bits, Read-Only
(INT_TEMP, EXT_TEMP)
The binary value (2’s complement format) in these two
registers represents temperature of the internal and external
sensors following a conversion cycle. The registers are
automatically updated in an alternating manner.
Internal Temperature Register (INT_TEMP)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
External Temperature Register (EXT_TEMP)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
Temperature Threshold Setpoint Registers,
8-Bits, Read-Write (INT_HLIM, INT_LLIM,
EXT_HLIM, EXT_LLIM)
These registers store the values of the upper and lower
temperature setpoints for event detection. The value is in
2’s-complement binary. INT_HLIM and INT_LLIM are com-
pared with the INT_TEMP value, and EXT_HLIM and
EXT_LLIM are compared with EXT_TEMP. These registers
may be written at any time.
Internal High Limit Setpoint Register (INT_HLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
Internal Low Limit Setpoint Register (INT_LLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
External High Limit Setpoint Register (EXT_HLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
External Low Limit Setpoint Register (EXT_LLIM)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
x
x
x
x
x
x
LSB
NOTE: POR states:
INT_HLIM
01111111b
+127
°C
INT_LLIM
11001001b
–55
°C
EXT_HLIM
01111111b
+127
°C
EXT_LLIM
11001001b
–55
°C
In the two temperature data and four threshold setpoint
registers, each unit value represents one degree (Celsius).
The value is in 2’s-complement binary format such that a
reading of 00000000b corresponds to 0
°C. Examples of this
temperature-to-binary value relationship are shown in the
following table.
Temperature-to-Digital Value Conversion
(INT_TEMP, EXT_TEMP, INT_HLIM, INT_LLIM,
EXT_HLIM, EXT_LLIM)
Actual
Rounded
Binary
Hex
Temperature
Temperature
Value
Value
+130.00
°C
+127
°C
01111111
7F
+127.00
°C
+127
°C
01111111
7F
+126.50
°C
+127
°C
01111111
7F
+25.25
°C
+25
°C
00011001
19
+0.50
°C+1°C
00000001
01
+0.25
°C0°C
00000000
00
0.00
°C0°C
00000000
00
–0.25
°C0°C
00000000
00
–0.50
°C0°C
00000000
00
–0.75
°C
–1
°C
11111111
FF
–1.00
°C
–1
°C
11111111
FF
–25.00
°C
–25
°C
11100111
E7
–25.25
°C
–25
°C
11100110
E7
–54.75
°C
–55
°C
11001001
C9
–55.00
°C
–55
°C
11001001
C9
–65.00
°C
–65
°C
10111111
BF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com