Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM1617 Datasheet(PDF) 8 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TCM1617 Datasheet HTML 4Page - Microchip Technology TCM1617 Datasheet HTML 5Page - Microchip Technology TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology TCM1617 Datasheet HTML 10Page - Microchip Technology TCM1617 Datasheet HTML 11Page - Microchip Technology TCM1617 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
SMBus Thermal Sensor with External Diode Input
TCM1617
TCM1617-1
2/5/99
 2001 Microchip Technology Inc.
DS21485A
Address Decode Table
ADD0
ADD1
SMBus Address
0
0
0011 000
0
open (3-state)
0011 001
0
1
0011 010
open (3-state)
0
0101 001
open (3-state)
(open (3-state)
0101 010
open (3-state)
1
0101 011
1
0
1001 100
1
open (3-state)
1001 101
1
1
1001 110
The Serial Clock input (SCL) and bi-directional data port
(SDA) form a 2-wire bi-directional serial port for program-
ming and interrogating the TCM1617. The following conven-
tions are used in this bus architecture:
All transfers take place under control of a host, usually
a CPU or microcontroller, acting as the Master, which
provides the clock signal for all transfers. The TCM1617
always operates as a slave. The serial protocol is illustrated
in Figure 3. All data transfers have two phases; all bytes are
transferred MSB first. Accesses are initiated by a start
condition (START), followed by a device address byte and
TCM1617 Serial Bus Conventions
Term
Explanation
Transmitter
The device sending data to the bus.
Receiver
The device receiving data from the bus.
Master
The device which controls the bus: initiating
transfers (START), generating the clock, and
terminating transfers (STOP).
Slave
The device addressed by the master.
Start
A unique condition signaling the beginning of
a transfer indicated by SDA falling (High – Low)
while SCL is high.
Stop
A unique condition signaling the end of a
transfer indicated by SDA rising (Low – High)
while SCL is high.
ACK
A receiver acknowledges the receipt of each
byte with this unique condition. The receiver
drives SDA low during SCL high of the ACK
clock-pulse. The Master provides the clock
pulse for the ACK cycle.
Busy
Communication is not possible because the
bus is in use.
NOT Busy
When the bus is idle, both SDA and SCL
will remain high.
Data Valid
The state of SDA must remain stable during
the High period of SCL in order for a data bit to
be considered valid. SDA only changes state
while SCL is low during normal data transfers
(see Start and Stop conditions.)
one or more data bytes. The device address byte includes
a Read/Write selection bit. Each access must be terminated
by a Stop Condition (STOP). A convention called (ACK)
confirms receipt of each byte. Note that SDA can change
only during periods when SCL is LOW (SDA changes while
SCL is High are reserved for Start and Stop conditions.)
Start Condition (START)
The TCM1617 continuously monitors the SDA and SCL
lines for a start condition (a High to Low transition of SDA
while SCL is High), and will not respond until this condition
is met.
Address Byte
Immediately following the Start Condition, the host must
transmit the address byte to the TCM1617. The states of
ADD1 and ADD0 during power-up determine the 7-bit
SMBus address for the TCM1617. The 7-bit address trans-
mitted in the serial bit stream must match for the TCM1617
to respond with an Acknowledge (indicating the TCM1617 is
on the bus and ready to accept data). The eighth bit in the
Address Byte is a Read-Write Bit. This bit is 1 for a read
operation or 0 for a write operation.
Acknowledge (ACK)
Acknowledge (ACK) provides a positive handshake
between the host and the TCM1617. The host releases SDA
after transmitting eight bits, then generates a ninth clock
cycle to allow the TCM1617 to pull the SDA line Low to
acknowledge that it successfully received the previous eight
bits of data or address.
Data Byte
After a successful ACK of the address byte, the host
must next transmit the data byte to be written or clock out the
data to be read. (See the appropriate timing diagrams.) ACK
will be generated after a successful write of a data byte into
the TCM1617.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com