Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM1617 Datasheet(PDF) 9 Page - Microchip Technology

Part # TCM1617
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TCM1617 Datasheet HTML 5Page - Microchip Technology TCM1617 Datasheet HTML 6Page - Microchip Technology TCM1617 Datasheet HTML 7Page - Microchip Technology TCM1617 Datasheet HTML 8Page - Microchip Technology TCM1617 Datasheet HTML 9Page - Microchip Technology TCM1617 Datasheet HTML 10Page - Microchip Technology TCM1617 Datasheet HTML 11Page - Microchip Technology TCM1617 Datasheet HTML 12Page - Microchip Technology TCM1617 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
TCM1617
TCM1617-1 2/5/99
 2001 Microchip Technology Inc.
DS21485A
SMBus Thermal Sensor with External Diode Input
Figure 3. SMBus Protocols
S
ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
P
8 Bits
7 Bits
8 Bits
Slave Address
Command Byte: selects
which register you are
writing to.
Data Byte: data goes
into the register set
by the command byte.
Write Byte Format
Read Byte Format
S
ADDRESS WR
ACK
COMMAND
ACK
S
ADDRESS
RD ACK
DATA NACK P
7 Bits
8 Bits
7 Bits
8 Bits
Slave Address
Command Byte: selects
which register you are
reading from.
Slave Address: repeated
due to change in data-
flow direction.
Data Byte: reads from
the register set by the
command byte.
Receive Byte Format
S
ADDRESS
RD ACK
DATA NACK P
7 Bits
8 Bits
Data Byte: reads data from
the register commanded by
the last Read Byte.
S = Start Condition
P = Stop Condition
Shaded = Slave Transmission
Send Byte Format
S
ADDRESS WR ACK COMMAND ACK P
7 Bits
8 Bits
Command Byte: sends
command with no data,
usually used for one-shot
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com