Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_Z Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM_Z
Description  NPIM Shielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_Z Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM_Z Datasheet HTML 1Page - NIC-Components Corp. NPIM_Z Datasheet HTML 2Page - NIC-Components Corp. NPIM_Z Datasheet HTML 3Page - NIC-Components Corp. NPIM_Z Datasheet HTML 4Page - NIC-Components Corp. NPIM_Z Datasheet HTML 5Page - NIC-Components Corp. NPIM_Z Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM_Z Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 42Z ( 4.0 X 4.0 X 2.0mm)
Inductance Value
(µH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM42ZR20MTRF
0.20
6.4
16.8
18.7
100KHz
NPIM42ZR40MTRF
0.40
8.3
14.0
12.5
NPIM42ZR60MTRF
0.60
10.45
11.7
10.4
NPIM42Z1R0MTRF
1.0
14.6
9.6
8.7
NPIM42Z1R5MTRF
1.5
23.6
7.5
7.1
NPIM42Z2R2MTRF
2.2
38.7
5.5
5.6
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
2.0
1.6
1.2
0.8
0.4
0.0
2
0
6
4
10
8
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
3.0
2.5
2.0
1.5
0.5
0.0
2
0
6
4
8
7
80
60
40
20
0
1.0
5
3
1
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.8
0.6
0.4
0.2
0.0
3
0
9
6
15
12
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
1.5
1.2
0.9
0.3
0.0
3
0
9
6
12
80
60
40
20
0
0.6
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.30
0.25
0.20
0.15
0.05
0.00
4
0
12
8
20
16
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.5
0.4
0.3
0.2
0.1
0.0
4
0
16
20
80
60
40
20
0
12
8
0.10
100
NPIM42ZR20MTRF
NPIM42ZR40MTRF
NPIM42ZR60MTRF
NPIM42Z1R0MTRF
NPIM42Z1R5MTRF
NPIM42Z2R2MTRF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com