Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_Z Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM_Z
Description  NPIM Shielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_Z Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM_Z Datasheet HTML 1Page - NIC-Components Corp. NPIM_Z Datasheet HTML 2Page - NIC-Components Corp. NPIM_Z Datasheet HTML 3Page - NIC-Components Corp. NPIM_Z Datasheet HTML 4Page - NIC-Components Corp. NPIM_Z Datasheet HTML 5Page - NIC-Components Corp. NPIM_Z Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM_Z Series
NPIM Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• MOLDED METAL COMPOSITE CONSTRUCTION
• HIGH SATURATION CURRENT CHARACTERISTICS (~ 69A)
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Series
NPIM42Z
NPIM43Z
NPIM75Z
NPIM110Z
Inductance Range
0.20 ~ 2.2µH
3.3µH
0.50 ~ 2.2µH
0.35 ~ 1.0µH
Ambient Operating Temperature Range
-55°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-30%
Inductance Tolerance
±20%
Resistance to Solder Heat
260°C ±5°C for 10 seconds
NPIM 42Z R40 M TR F
RoHS Compliant
TR = Tape & Reel Packaging
Tolerance: M = 20%
Inductance Value Code: First two characters
are signficant figures, 3rd character is multiplier, "R" = decimal point
Size Code
Series
PART NUMBER SYSTEM
Series
A
B
C
D
E
t
F
G
H
J
NPIM42Z
4.0 ± 0.30
4.0 ± 0.3
2.0 max.
1.2 ± 0.3
3.4 ± 0.2
0.10 ± 0.05 0.9 ± 0.2
4.3
3.7
1.39
NPIM43Z
4.0 ± 0.30
4.0 ± 0.3
3.0 max.
1.2 ± 0.3
3.4 ± 0.2
0.10 ± 0.05 0.9 ± 0.2
4.3
3.7
1.39
NPIM75Z
7.2 ± 0.50
7.5 ± 0.50
5.0 Max
1.5 ± 0.3
5.0 ± 0.3
0.30 ± 0.10 2.7 ± 0.3
7.3
6.9
3.70
NPIM110Z
10.5 ± 0.50
11.3 ± 0.5 10.0 max.
2.0 ± 0.5
3.5 ± 0.5
0.35 ± 0.10 5.0 ± 0.5
10.02
10.6
4.22
F
C
t
A
E
D
B
1R0
H
LAND PATTERN
G
J
DIMENSIONS (mm)
NPIM42Z & 43Z
F
C
t
A
E
D
B
R35
NPIM75Z & 110Z


Similar Part No. - NPIM_Z

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
NPIM Shielded Power Inductors
NPIM101B NIC-NPIM101B Datasheet
338Kb / 14P
NPIM Shielded Power Inductors
More results

Similar Description - NPIM_Z

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
NPIM Shielded Power Inductors
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com