Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_Z Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIM_Z
Description  NPIM Shielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_Z Datasheet(HTML) 6 Page - NIC-Components Corp.

  NPIM_Z Datasheet HTML 1Page - NIC-Components Corp. NPIM_Z Datasheet HTML 2Page - NIC-Components Corp. NPIM_Z Datasheet HTML 3Page - NIC-Components Corp. NPIM_Z Datasheet HTML 4Page - NIC-Components Corp. NPIM_Z Datasheet HTML 5Page - NIC-Components Corp. NPIM_Z Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM_Z Series
NPIM Shielded Power Inductors
Series
Ao
Bo
Co
Po
Ko
t
W
NPIM42Z
4.3 ± 0.10
4.4 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
2.4 ± 0.05
0.25 ± 0.05
12.0 ± 0.10
NPIM43Z
4.3 ± 0.10
4.4 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
3.5 ± 0.10
0.35 ± 0.05
12.0 ± 0.10
NPIM75Z
8.2 ± 0.10
7.9 ± 0.10
7.5 ± 0.10
12.0 ± 0.1
5.3 ± 0.10
0.25 ± 0.05
16.0 ± 0.10
NPIM110Z
11.9 ± 0.10
11.1 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
10.2 ± 0.10
0.40 ± 0.10
24.0 ± 0.30
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
t
CARRIER TAPE DIMENSIONS (mm)
Series
A
B
Qty/Reel
NPIM42Z
24.5 ± 1.0
30.0 ± 2.0
2,000
NPIM43Z
24.5 ± 1.0
30.0 ± 2.0
2,000
NPIM75Z
16.0 ± 0.5
20.0 ± 2.0
500
NPIM110Z
24.5 ± 1.0
30.0 ± 2.0
250
A
B
2.0 ± 0.5
φ
13.0 ± 1.0
φ
20.0 ± 0.5
REEL DIMENSIONS (mm)
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
3°C/sec. max.
120 sec. max.
25
50
100
150
200
250
300
Pre-Heat
160°C
Time above 220°C
50 seconds max.
Ramp up 3°C/sec. max.
~50 seconds typical
Ramp up
2.5°C/sec. max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com