Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_Z Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIM_Z
Description  NPIM Shielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_Z Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIM_Z Datasheet HTML 1Page - NIC-Components Corp. NPIM_Z Datasheet HTML 2Page - NIC-Components Corp. NPIM_Z Datasheet HTML 3Page - NIC-Components Corp. NPIM_Z Datasheet HTML 4Page - NIC-Components Corp. NPIM_Z Datasheet HTML 5Page - NIC-Components Corp. NPIM_Z Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM_Z Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 43Z ( 4.0 X 4.0 X 3.0mm)
Inductance Value
(µH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM43Z3R3MTRF
3.3
28.6
6.6
5.5
100KHz
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
4.0
3.2
2.4
0.8
0.0
1
0
5
3
8
7
60
40
20
0
1.6
NPIM43Z3R3MTRF
4
2
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com