Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_Z Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIM_Z
Description  NPIM Shielded Power Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_Z Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIM_Z Datasheet HTML 1Page - NIC-Components Corp. NPIM_Z Datasheet HTML 2Page - NIC-Components Corp. NPIM_Z Datasheet HTML 3Page - NIC-Components Corp. NPIM_Z Datasheet HTML 4Page - NIC-Components Corp. NPIM_Z Datasheet HTML 5Page - NIC-Components Corp. NPIM_Z Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM_Z Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 75Z ( 7.2 X 7.5 X 5.0mm)
Inductance Value
(µH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM75ZR50MTRF
0.50
2.40
28.1
40.5
100KHz
NPIM75ZR74MTRF
0.74
3.57
27.1
27.8
NPIM75Z1R0MTRF
1.0
4.60
23.1
24.0
NPIM75Z1R5MTRF
1.5
6.60
18.8
20.0
NPIM75Z2R2MTRF
2.2
9.15
16.3
18.0
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
3.5
2.8
2.1
1.4
0.7
0.0
5
0
15
10
20
NPIM75Z2R2MTRF
80
60
40
20
0
100
25
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
0.6
0.4
0.2
0.0
5
0
15
10
45
20
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
1.0
0.8
0.6
0.2
0.0
80
60
40
20
0
0.4
NPIM75ZR50MTRF
NPIM75ZR74MTRF
20
40
25
35
30
100
5
0
15
10
20
40
25
35
30
100
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
1.5
1.2
0.9
0.6
0.0
5
0
15
10
25
20
80
60
40
20
0
DC Current (A)
Inductance (µH)
Temp. Rise (°C)
2.0
1.6
1.2
0.8
0.4
0.0
5
0
20
25
80
60
40
20
0
15
10
0.3
100
NPIM75Z1R0MTRF
NPIM75Z1R5MTRF
30
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com