Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV301 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV301 Datasheet HTML 1Page - National Semiconductor (TI) LMV301 Datasheet HTML 2Page - National Semiconductor (TI) LMV301 Datasheet HTML 3Page - National Semiconductor (TI) LMV301 Datasheet HTML 4Page - National Semiconductor (TI) LMV301 Datasheet HTML 5Page - National Semiconductor (TI) LMV301 Datasheet HTML 6Page - National Semiconductor (TI) LMV301 Datasheet HTML 7Page - National Semiconductor (TI) LMV301 Datasheet HTML 8Page - National Semiconductor (TI) LMV301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1.8V AC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+
= 1.8V, V
− = 0V, V
CM =V
+/2, V
O =V
+/2, and R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 4)
Units
SR
Slew Rate
(Note 6)
0.57
V/µs
GBW
Gain Bandwidth Product
1
MHz
φm
Phase Margin
60
Deg
G
m
Gain Margin
10
dB
e
n
Input-Referred Voltage
Noise
f = 1kHz, V
CM = 0.5V
f = 100kHz
40
30
nV/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
RL = 600k
Ω,V
IN =1VPP
0.089
%
2.7V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+
= 2.7V, V
− = 0V, V
CM =V
+/2, V
O =V
+/2, and R
L > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
V
CM = 0.35V, V
+ = 1.7V, V− = −1V
0.9
8
9
mV
I
B
Input Bias Current
0.182
35
50
pA
I
S
Supply Current
V
CM = 0.35V, V
+ = 1.7V, V− = −1V
153
250
275
µA
CMRR
Common Mode Rejection
Ratio
−0.15V
≤ V
CM ≤ 1.35V
62
60
115
dB
PSRR
Power Supply Rejection
Ratio
1.8V
≤ V+ ≤ 5V
67
62
110
dB
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
−0.3
0
1.5
V
A
V
Large Signal Voltage Gain
Sourcing
R
L = 600Ω to 0V, V
+ = 1.35V, V− =
−1.35V, V
O = −1V to 1V, VCM =0V
80
75
100
dB
R
L =2kΩ to 0V, V
+ = 1.35V, V− =
−1.35V, V
O = −1V to 1V, VCM =0V
83
77
114
Sinking
R
L = 600Ω to 0V, V
+ = 1.35V, V− =
−1.35V, V
O = −1V to 1V, VCM =0V
80
75
98
dB
R
L =2kΩ to 0V, V
+ = 1.35V, V− =
−1.35V, V
O = −1V to 1V, VCM =0V
80
75
99
V
O
Output Swing
R
L = 600Ω to 1.35V
V
IN = ±100mV
V
OH
2.550
2.530
2.62
V
V
OL
0.078
0.100
V
R
L =2kΩ to 1.35V
V
IN = ±100mV
V
OH
2.650
2.640
2.675
V
V
OL
0.024
0.045
V
I
O
Output Short Circuit Current
Sourcing,
V
O = 0V, VIN = 100mV
20
15
32
mA
Sinking,
V
O = 2.7V, VIN = −100mV
19
12
24
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com