Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV301 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV301 Datasheet HTML 1Page - National Semiconductor (TI) LMV301 Datasheet HTML 2Page - National Semiconductor (TI) LMV301 Datasheet HTML 3Page - National Semiconductor (TI) LMV301 Datasheet HTML 4Page - National Semiconductor (TI) LMV301 Datasheet HTML 5Page - National Semiconductor (TI) LMV301 Datasheet HTML 6Page - National Semiconductor (TI) LMV301 Datasheet HTML 7Page - National Semiconductor (TI) LMV301 Datasheet HTML 8Page - National Semiconductor (TI) LMV301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMV301
Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail
Output
General Description
The LMV301 CMOS operational amplifier is ideal for single
supply, low voltage operation with a guaranteed operating
voltage range from 1.8V to 5V. The low input bias current of
less than 0.182pA typical, eliminates input voltage errors that
may originate from small input signals. This makes the
LMV301 ideal for electrometer applications requiring low
input leakage such as sensitive photodetection transimped-
ance amplifiers and sensor amplifiers. The LMV301 also
features a rail-to-rail output voltage swing in addition to a
input common-mode range that includes ground. The
LMV301 will drive a 600
Ω resistive load and up to 1000pF
capacitive load in unity gain follower applications. The low
supply voltage also makes the LMV301 well suited for
portable two-cell battery systems and single cell Li-Ion
systems.
The LMV301 exhibits excellent speed-power ratio, achieving
1MHz at unity gain with low supply current. The high DC gain
of 100dB makes it ideal for other low frequency applications.
The LMV301 is offered in a space saving SC-70 package,
which is only 2.0X2.1X1.0mm. It is also similar to the
LMV321 except the LMV301 has a CMOS input.
Key Specifications
(Typical values unless otherwise specified)
n
Input bias current
0.182pA
n
Gain bandwidth product
1MHz
n
Supply voltage @ 1.8V
1.8V to 5V
n
Supply current
150µA
n
Input referred voltage noise @ 1kHz
40nV/
n
DC Gain (600
Ω load)
100dB
n
Output voltage range @ 1.8V
0.024 to 1.77V
n
Input common-mode voltage range
−0.3V to V
+ - 1.2V
Applications
n
Thermocouple amplifiers
n
Photo current amplifiers
n
Transducer amplifiers
n
Sample and hold circuits
n
Low frequency active filters
Connection Diagram
SC70-5
20019301
Top View
Applications Circuit
Low Leakage Sample and Hold
20019307
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SC70-5
LMV301MG
A48
1k Units Tape and Reel
MAA05A
LMV301MGX
3k Units Tape and Reel
March 2001
© 2001 National Semiconductor Corporation
DS200193
www.national.com


Similar Part No. - LMV301

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
189Kb / 12P
Low Bias Current, 1.8V to 5V Single-Supply, Rail-to-Rail Operational Amplifier
March, 2009 ??Rev. 1
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
ON Semiconductor
LMV301 ONSEMI-LMV301 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Unisonic Technologies
LMV3011G-AG6-R UTC-LMV3011G-AG6-R Datasheet
152Kb / 5P
Voltage reference initial accuracy
LMV3012G-AG6-R UTC-LMV3012G-AG6-R Datasheet
159Kb / 6P
Reference output current
More results

Similar Description - LMV301

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
40MHz Rail-to-Rail Input-Output Op Amp
December 22, 2004
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
April 24, 2007
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
60MHz Rail-to-Rail Input-Output Op Amp
July 23, 2009
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
logo
National Semiconductor ...
LMV301 NSC-LMV301_14 Datasheet
1Mb / 26P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
logo
Texas Instruments
LMV301 TI1-LMV301 Datasheet
1Mb / 27P
LMV301 Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com