Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV301 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV301 Datasheet HTML 8Page - National Semiconductor (TI) LMV301 Datasheet HTML 9Page - National Semiconductor (TI) LMV301 Datasheet HTML 10Page - National Semiconductor (TI) LMV301 Datasheet HTML 11Page - National Semiconductor (TI) LMV301 Datasheet HTML 12Page - National Semiconductor (TI) LMV301 Datasheet HTML 13Page - National Semiconductor (TI) LMV301 Datasheet HTML 14Page - National Semiconductor (TI) LMV301 Datasheet HTML 15Page - National Semiconductor (TI) LMV301 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Hints
Compensating Input Capacitance
The high input resistance of the LMV301 op amp allows the
use of large feedback and source resistor values without
losing gain accuracy due to loading. However, the circuit will
be especially sensitive to its layout when these large value
resistors are used.
Every amplifier has some capacitance between each input
and AC ground, and also some differential capacitance
between the inputs. When the feedback network around an
amplifier is resistive, this input capacitance (along with any
additional capacitance due to circuit board traces, the
socket, etc.) and the feedback resistors create a pole in the
feedback path. In the following General Operational Amplifier
circuit,
Figure 1, the frequency of this pole is
where C
S is the total capacitance at the inverting input,
including
amplifier
input
capacitance
and
any
stray
capacitance from the IC socket (if one is used), circuit board
traces, etc., and R
P is the parallel combination of RF and RIN.
This formula, as well as all formulae derived below, apply to
inverting and non-inverting op amp configurations.
When the feedback resistors are smaller than a few k
Ω, the
frequency of the feedback pole will be quite high, since C
S is
generally less than 10pF. If the frequency of the feedback
pole is much higher than the “ideal” closed-loop bandwidth
(the nominal closed-loop bandwidth in the absence of C
S),
the pole will have a negligible effect on stability, as it will add
only a small amount of phase shift.
However, if the feedback pole is less than approximately 6 to
10 times the “ideal” −3dB frequency, a feedback capacitor,
C
F,
should be connected between the output and the
inverting input of the op amp. This condition can also be
stated in terms of the amplifier’s low frequency noise gain. To
maintain stability a feedback capacitor will probably be
needed if
where
is the amplifier’s low frequency noise gain and GBW is the
amplifier’s gain bandwidth product. An amplifier’s low
frequency noise gain is represented by the formula
regardless of whether the amplifier is being used in inverting
or non-inverting mode. Note that a feedback capacitor is
more likely to be needed when the noise gain is low and/or
the feedback resistor is large.
If the above condition is met (indicating a feedback capacitor
will probably be needed), and the noise gain is large enough
that:
the following value of feedback capacitor is recommended:
If
the feedback capacitor should be:
Note that these capacitor values are usually significantly
smaller than those given by the older, more conservative
formula:
Using the smaller capacitor will give much higher bandwidth
with little degradation of transient response. It may be
necessary in any of the above cases to use a somewhat
larger feedback capacitor to allow for unexpected stray
capacitance, or to tolerate additional phase shifts in the loop,
or excessive capacitive load, or to decrease the noise or
bandwidth,
or
simply
because
the
particular
circuit
implementation needs more feedback capacitance to be
sufficiently stable. For example, a printed circuit board’s
stray capacitance may be larger or smaller than the
breadboard’s, so the actual optimum value for C
F may be
different from the one estimated using the breadboard. In
most cases, the values of C
F should be checked on the
actual circuit, starting with the computed value.
20019306
CS consists of the amplifier’s input capacitance plus any stray capacitance
from the circuit board and socket. CF compensates for the pole caused by
CS and the feedback resistors.
FIGURE 1. General Operational Amplifier Circuit
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com