Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV301 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV301 Datasheet HTML 1Page - National Semiconductor (TI) LMV301 Datasheet HTML 2Page - National Semiconductor (TI) LMV301 Datasheet HTML 3Page - National Semiconductor (TI) LMV301 Datasheet HTML 4Page - National Semiconductor (TI) LMV301 Datasheet HTML 5Page - National Semiconductor (TI) LMV301 Datasheet HTML 6Page - National Semiconductor (TI) LMV301 Datasheet HTML 7Page - National Semiconductor (TI) LMV301 Datasheet HTML 8Page - National Semiconductor (TI) LMV301 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5V AC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ =
5V, V
− = 0V, V
CM =V
+/2, V
O = 2.5V and RL > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 4)
Units
SR
Slew Rate
(Note 6)
0.66
V/µs
GBW
Gain Bandwidth Product
1
MHz
φm
Phase Margin
70
Deg
G
m
Gain Margin
15
dB
e
n
Input-Referred Voltage
Noise
f = 1kHz, V
CM =1V
f = 100kHz
40
30
nV/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600Ω,VO =1VPP
0.069
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Applies to both single supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed
junction temperature of 150˚C. Output currents in excess of 45mA over long term may adversely affect reliability.
Note 3: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) –TA)θJA. All numbers apply for packages soldered directly into a PC board.
Note 4: Typical value represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: V+ = 5V. Connected as voltage follower with 5V step input. Number specified is the slower of the positive and negative slew rates.
Note 7: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Simplified Schematic
20019302
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com