Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV301 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV301
Description  Low Input Bias Current, 1.8V Op Amp w/ Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV301 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV301 Datasheet HTML 11Page - National Semiconductor (TI) LMV301 Datasheet HTML 12Page - National Semiconductor (TI) LMV301 Datasheet HTML 13Page - National Semiconductor (TI) LMV301 Datasheet HTML 14Page - National Semiconductor (TI) LMV301 Datasheet HTML 15Page - National Semiconductor (TI) LMV301 Datasheet HTML 16Page - National Semiconductor (TI) LMV301 Datasheet HTML 17Page - National Semiconductor (TI) LMV301 Datasheet HTML 18Page - National Semiconductor (TI) LMV301 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Typical Single-Supply Applications
(V
+ = 5.0 VDC)
Low-Leakage Sample-and-Hold
20019307
Sine-Wave Oscillator
20019309
Oscillator frequency is determined by R1, R2, C1, and C2:
fosc = 1/2
πRC, where R = R1 = R2 and
C=C1=C2.
This circuit, as shown, oscillates at 2.0kHz with a
peak-to-peak output swing of 4.5V.
1 Hz Square-Wave Oscillator
20019310
Power Amplifier
20019311
10Hz Bandpass Filter
20019312
fO =10 Hz
Q = 2.1
Gain = −8.8
10 Hz High-Pass Filter
20019313
fc =10 Hz
d = 0.895
Gain = 1
2 dB passband ripple
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
20019314
fc =1 Hz
d = 1.414
Gain = 1.57
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com