Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF161 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF161
Description  SILICON N-CHANNEL RF POWER MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF161 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF161 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
V(BR)DSS
ID = 5.0 mA
VGS = 0 V
65
V
IDSS
VDSS = 28 V
VGS = 0 V
1.0
mA
IGSS
VGS = 40 V
VDS = 0 V
1.0
µµµµA
VGS(th)
VDS = 10 V
ID = 10 mA
1.0
6.0
V
gfs
VDS = 10 V
ID = 100 mA
80
mmhos
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
7.0
9.7
2.3
pF
NF
VDS = 28 V
ID = 100 mA
f = 400 MHz
ZS = 67.7+j = 14.1
ZL = 14.5+j = 25.7
3.0
dB
Gps
ηηηη
VDD = 28 V
IDQ = 50 mA
Pout = 5.0 W
11.0
45
13.5
50
dB
%
ψ
ψ
ψ
ψ
VDD = 28 V
IDQ = 50 mA
Pout = 5.0 W
VSWR = 30:1 AT ALL PHASE ANGLES
NO DEGRADRADATION IN OUTPUT POWER
SILICON N-CHANNEL RF POWER MOSFET
MRF161
DESCRIPTION:
The
MRF161 is an Enhancement-
Mode N-Channel MOS Broadband RF
Power Transistor for Wideband Large
Signal Amplifier and Oscillator
Applications from 2.0 to 400 MHz.
MAXIMUM RATINGS
ID
900 mA
VDSS
65 V
VGS
±40 V
PDISS
17.5 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
10
OC/W
PACKAGE STYLE .500 4L FLG
MINIMUM
inches / mm
.220 / 5.59
.720 / 18.28
.125 / 3.18
.245 / 6.22
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.255 / 6.48
.980 / 24.89
.7.30 / 18.54
inches / mm
.230 / 5.84
H
.003 / 0.08
.007 / 0.18
DIM
K
L
I
J
.090 / 2.29
.150 / 3.81
.980 / 24.89
.110 / 2.79
.175 / 4.45
1.050 / 26.67
H
I
K
J
.112x45°
FULL R
C
E
B
G
D
F
A
L
Ø.125 NOM.
.125 / 3.18
.495 / 12.57
.505 / 12.83
.280 / 7.11
D
G
S
S


Similar Part No. - MRF161

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
MOSFET BROADBAND RF POWER FET
logo
Tyco Electronics
MRF160 MACOM-MRF160 Datasheet
416Kb / 9P
MOSFET BROADBAND RF POWER FET
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
102Kb / 2P
Fast Acting Radial Lead Micro Fuse Series
logo
M/A-COM Technology Solu...
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
logo
Advanced Semiconductor
MRF160 ASI-MRF160 Datasheet
167Kb / 1P
POWE FIELD EFFECT TRANSISTOR
More results

Similar Description - MRF161

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MACOM-MRF151G Datasheet
250Kb / 9P
N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
Advanced Semiconductor
TPV596 ASI-TPV596 Datasheet
18Kb / 1P
SILICON N-CHANNEL RF POWER MOSFET
REV. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com