Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVR Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 4 Page - Motorola, Inc

  MPC8248CVR Datasheet HTML 1Page - Motorola, Inc MPC8248CVR Datasheet HTML 2Page - Motorola, Inc MPC8248CVR Datasheet HTML 3Page - Motorola, Inc MPC8248CVR Datasheet HTML 4Page - Motorola, Inc MPC8248CVR Datasheet HTML 5Page - Motorola, Inc MPC8248CVR Datasheet HTML 6Page - Motorola, Inc MPC8248CVR Datasheet HTML 7Page - Motorola, Inc MPC8248CVR Datasheet HTML 8Page - Motorola, Inc MPC8248CVR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Overview
Overview
•
Separate PLLs for G2_LE core and for the communications processor module (CPM)
— G2_LE core and CPM can run at different frequencies for power/performance optimization
— Internal core/bus clock multiplier that provides 2:1, 2.5:1, 3:1, 3.5:1, 4:1, 4.5:1, 5:1, 5.5:1, 6:1,
7:1, and 8:1 ratios
— Internal CPM/bus clock multiplier that provides 2:1, 2.5:1, 3:1, 3.5:1, 4:1, 5:1, and 6:1 ratios
•
64-bit data and 32-bit address 60x bus
— Bus supports multiple master designs—up to two external masters
— Supports single transfers and burst transfers
— 64-, 32-, 16-, and 8-bit port sizes controlled by on-chip memory controller
•
60x-to-PCI bridge
— Programmable host bridge and agent
— 32-bit data bus, 66 MHz, 3.3 V
— Synchronous and asynchronous 60x and PCI clock modes
— All internal address space available to external PCI host
— DMA for memory block transfers
— PCI-to-60x address remapping
•
System interface unit (SIU)
— Clock synthesizer
— Reset controller
— Real-time clock (RTC) register
— Periodic interrupt timer
— Hardware bus monitor and software watchdog timer
— IEEE 1149.1 JTAG test access port
•
Eight bank memory controller
— Glueless interface to SRAM, page mode SDRAM, DRAM, EPROM, Flash, and other
user-definable peripherals
— Byte write enables
— 32-bit address decodes with programmable bank size
— Three user programmable machines, general-purpose chip-select machine, and page mode
pipeline SDRAM machine
— Byte selects for 64-bit bus width (60x)
— Dedicated interface logic for SDRAM
•
Disable CPU mode
•
Integrated security engine (SEC) (MPC8272 and MPC8248 only)
— Supports DES, 3DES, MD-5, SHA-1, AES, PKEU, RNG and RC-4 encryption algorithms
in hardware
•
Communications processor module (CPM)
— Embedded 32-bit communications processor (CP) uses a RISC architecture for flexible support
for communications peripherals
— Interfaces to G2_LE core through on-chip dual-port RAM and DMA controller. (Dual-port
RAM size is 16 Kbyte plus 4Kbyte dedicated instruction RAM.)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com