Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVR Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 3 Page - Motorola, Inc

  MPC8248CVR Datasheet HTML 1Page - Motorola, Inc MPC8248CVR Datasheet HTML 2Page - Motorola, Inc MPC8248CVR Datasheet HTML 3Page - Motorola, Inc MPC8248CVR Datasheet HTML 4Page - Motorola, Inc MPC8248CVR Datasheet HTML 5Page - Motorola, Inc MPC8248CVR Datasheet HTML 6Page - Motorola, Inc MPC8248CVR Datasheet HTML 7Page - Motorola, Inc MPC8248CVR Datasheet HTML 8Page - Motorola, Inc MPC8248CVR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MOTOROLA
MPC8272 PowerQUICC II™ Family Hardware Specifications
3
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Overview
Figure 1. Block Diagram
1.1
Features
The major features of the MPC8272 are as follows:
•
Dual-issue integer (G2_LE) core
— A core version of the MPC603e microprocessor
— System core microprocessor supporting frequencies of 266-400 MHz
— Separate 16-Kbyte data and instruction caches:
– Four-way set associative
– Physically addressed
– LRU replacement algorithm
— PowerPC architecture-compliant memory management unit (MMU)
— Common on-chip processor (COP) test interface
— Supports bus snooping for cache coherency
— Floating-point unit (FPU) supports floating-point arithmetic
— Support for cache locking
•
Low-power consumption
•
Separate power supply for internal logic (1.5 V) and for I/O (3.3 V)
16 Kbytes
G2_LE Core
I-Cache
I-MMU
16 Kbytes
D-Cache
D-MMU
Communication Processor Module (CPM)
Timers
Parallel I/O
Baud Rate
Generators
32-bit RISC Microcontroller
and Program ROM
Serial
DMA
60x-to-PCI
Bridge
Memory Controller
Clock Counter
System Functions
System Interface Unit
(SIU)
PCI Bus
32 bits, up to 66 MHz
FCC1
FCC2
SCC1
SCC3
SCC4
SMC1
SMC2
SPI
I2C
Serial Interface
2 MII/RMII
Port
Ports
60x Bus
Interrupt
Controller
Time Slot Assigner
2 TDM Ports
Non-Multiplexed
I/O
Bus Interface Unit
Virtual
IDMAs
16 KB
Security (SEC) 1
2
1 8-bit Utopia
Serial interface
4 KB
Instruction
RAM
Data
RAM
Note
1 MPC8272/8248 only
2 MPC8272/8271 only
USB 2.0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com