Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVR Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC8248CVR Datasheet HTML 8Page - Motorola, Inc MPC8248CVR Datasheet HTML 9Page - Motorola, Inc MPC8248CVR Datasheet HTML 10Page - Motorola, Inc MPC8248CVR Datasheet HTML 11Page - Motorola, Inc MPC8248CVR Datasheet HTML 12Page - Motorola, Inc MPC8248CVR Datasheet HTML 13Page - Motorola, Inc MPC8248CVR Datasheet HTML 14Page - Motorola, Inc MPC8248CVR Datasheet HTML 15Page - Motorola, Inc MPC8248CVR Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
12
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Thermal Characteristics
Thermal Characteristics
4.2
Estimation with Junction-to-Case Thermal Resistance
Historically, the thermal resistance has frequently been expressed as the sum of a junction-to-case thermal
resistance and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (ºC/W)
RθJC = junction-to-case thermal resistance (ºC/W)
RθCA = case-to-ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user adjusts the thermal environment to
affect the case-to-ambient thermal resistance, RθCA. For instance, the user can change the air flow around
the device, add a heat sink, change the mounting arrangement on the printed circuit board, or change the
thermal dissipation on the printed circuit board surrounding the device. This thermal model is most useful
for ceramic packages with heat sinks where some 90% of the heat flows through the case and the heat sink
to the ambient environment. For most packages, a better model is required.
4.3
Estimation with Junction-to-Board Thermal Resistance
A simple package thermal model which has demonstrated reasonable accuracy (about 20%) is a two-resistor
model consisting of a junction-to-board and a junction-to-case thermal resistance. The junction-to-case
thermal resistance covers the situation where a heat sink is used or where a substantial amount of heat is
dissipated from the top of the package. The junction-to-board thermal resistance describes the thermal
performance when most of the heat is conducted to the printed circuit board. It has been observed that the
thermal performance of most plastic packages, especially PBGA packages, is strongly dependent on the
board temperature.
If the board temperature is known, an estimate of the junction temperature in the environment can be made
using the following equation:
TJ = TB + (RθJB × PD)
where:
RθJB = junction-to-board thermal resistance (ºC/W)
TB = board temperature (ºC)
PD = power dissipation in package
If the board temperature is known and the heat loss from the package case to the air can be ignored,
acceptable predictions of junction temperature can be made. For this method to work, the board and board
mounting must be similar to the test board used to determine the junction-to-board thermal resistance,
namely a 2s2p (board with a power and a ground plane) and by attaching the thermal balls to the ground
plane.
4.4
Estimation Using Simulation
When the board temperature is not known, a thermal simulation of the application is needed. The simple
two-resistor model can be used with the thermal simulation of the application, or a more accurate and
complex model of the package can be used in the thermal simulation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com