Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVR Datasheet(PDF) 14 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MPC8248CVR Datasheet HTML 10Page - Motorola, Inc MPC8248CVR Datasheet HTML 11Page - Motorola, Inc MPC8248CVR Datasheet HTML 12Page - Motorola, Inc MPC8248CVR Datasheet HTML 13Page - Motorola, Inc MPC8248CVR Datasheet HTML 14Page - Motorola, Inc MPC8248CVR Datasheet HTML 15Page - Motorola, Inc MPC8248CVR Datasheet HTML 16Page - Motorola, Inc MPC8248CVR Datasheet HTML 17Page - Motorola, Inc MPC8248CVR Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
14
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Power Dissipation
Power Dissipation
5
Power Dissipation
Table 7 provides preliminary, estimated power dissipation for various configurations. Note that suitable
thermal management is required to ensure the junction temperature does not exceed the maximum specified
value. Also note that the I/O power should be included when determining whether to use a heat sink. For a
complete list of possible clock configurations, refer to Section 7, “Clock Configuration Modes.”
6
AC Electrical Characteristics
The following sections include illustrations and tables of clock diagrams, signals, and CPM outputs and
inputs for 66.67-/83.33-/100-MHz MPC8272 devices. Note that AC timings are based on a 50-pf load.
Typical output buffer impedances are shown in Table 8.
6.1
CPM AC Characteristics
Table 9 lists CPM output characteristics.
Table 7. Estimated Power Dissipation for Various Configurations 1
1 Test temperature = 105˚ C)
Bus
(MHz)
CPM
Multiplication
Factor
CPM
(MHz)
CPU
Multiplication
Factor
CPU
(MHz)
PINT(W)
2, 3
2 P
INT = IDD x VDD Watts
3 Values do not include I/O. Add the following estimates for active I/O based on the following bus speeds:
66.7 MHz = 0.35 W (nominal), 0.4 W (maximum)
83.3 MHz = 0.4 W (nominal), 0.5 W (maximum)
100 MHz = 0.5 W (nominal), 0.6 W (maximum)
Vddl 1.5 Volts
Nominal
Maximum
66.67
3
200
4
266
0.75
0.8
100
2
200
3
300
0.85
0.9
100
2
200
4
400
1
1.05
Table 8. Output Buffer Impedances 1
1 These are typical values at 65˚ C. Impedance may vary by ±25% with process and temperature.
Output Buffers
Typical Impedance (
Ω)
60x bus
45
Memory controller
45
Parallel I/O
45
PCI
25
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com