Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248CVR Datasheet(PDF) 26 Page - Motorola, Inc

Part # MPC8248CVR
Description  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CVR Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MPC8248CVR Datasheet HTML 22Page - Motorola, Inc MPC8248CVR Datasheet HTML 23Page - Motorola, Inc MPC8248CVR Datasheet HTML 24Page - Motorola, Inc MPC8248CVR Datasheet HTML 25Page - Motorola, Inc MPC8248CVR Datasheet HTML 26Page - Motorola, Inc MPC8248CVR Datasheet HTML 27Page - Motorola, Inc MPC8248CVR Datasheet HTML 28Page - Motorola, Inc MPC8248CVR Datasheet HTML 29Page - Motorola, Inc MPC8248CVR Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
26
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
1101_000
100.0 133.3
2.5
250.0 333.3
3
300.0 400.0
5
50.0
66.7
1101_001
100.0 133.3
2.5
250.0 333.3
3.5
350.0 466.6
5
50.0
66.7
1101_010
100.0 133.3
2.5
250.0 333.3
4
400.0 533.3
5
50.0
66.7
1101_011
100.0 133.3
2.5
250.0 333.3
4.5
450.0 599.9
5
50.0
66.7
1101_100
100.0 133.3
2.5
250.0 333.3
5
500.0 666.6
5
50.0
66.7
1101_101
125.0 166.7
2
250.0 333.3
3
375.0 500.0
5
50.0
66.7
1101_110
125.0 166.7
2
250.0 333.3
4
500.0 666.6
5
50.0
66.7
1110_000
100.0 133.3
3
300.0 400.0
3.5
350.0 466.6
6
50.0
66.7
1110_001
100.0 133.3
3
300.0 400.0
4
400.0 533.3
6
50.0
66.7
1110_010
100.0 133.3
3
300.0 400.0
4.5
450.0 599.9
6
50.0
66.7
1110_011
100.0 133.3
3
300.0 400.0
5
500.0 666.6
6
50.0
66.7
1110_100
100.0 133.3
3
300.0 400.0
5.5
550.0 733.3
6
50.0
66.7
1100_000
Reserved
1100_001
Reserved
1100_010
Reserved
1 The “low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency
guarantees the required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock
mode. For modes with a CPU multiplication factor
≤ 3, the minimum CPU frequency is 125 MHz or 150 MHz, as
shown in the table. For modes with a CPU multiplication factor
≥ 3.5, the minimum CPU frequency is 250 MHz.
The “high” values are for the purpose of illustration only. Users must select a mode and input bus frequency so
that the resulting configuration does not exceed the frequency rating of the user’s device.
2 PCI_MODCK determines the PCI clock frequency range. Refer to Table 16 for lower range configurations.
3 MODCK_H = hard reset configuration word [28–31] (refer to Section 5.4 in the MPC8260 User’s Manual).
MODCK[1-3] = three hardware configuration pins.
4 CPM multiplication factor = CPM clock/bus clock
5 CPU multiplication factor = Core PLL multiplication factor
Table 15. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2 (continued)
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com