Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84510DP Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
9
The following describes valid command:
(a) Reset (FF)
SC84510 operation:
a Completion the reset.
b Transmitted FA, AA, 00 to the system.
c Set default:
sampling rate: 100 reports/s
non-auto-speed
stream mode
2 dots/count
disable
(b) Resend (FE)
a. Any time SC84510 receives an invalid command; it returns a Resend command to the system.
b. When SC84510 receives a Resend command, it retransmits its last packet of data. If the last packet was
a Resend command, it transmits the packet just prior to the Resend command.
c. In stream mode if a Resend command is received by SC84510 immediately following a 3-byte data
packet transmission to the system.
(c) Set Default (F6)
The command reinitializes all conditions to the power-on defaults.
(d) Disable (F5)
This command is used in the stream mode to stop transmissions from SC84510.
(e) Enable (F4)
Begins transmissions, if in stream mode.
(f) Set Sampling Rate (F3, XX)
In the stream mode, this command sets the sampling rate to the value indicated by byte hex XX, shown in
following:
Second byte XX
Sample Rate
0A
10/sec
14
20/sec
28
40/sec
3C
60/sec
50
80/sec
64
100/sec
C8
200/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com