Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84510DP Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC84510DP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
PS/2 SCROLLING MOUSE
CONTROLIER
DESCRIPTION
The SC84510 Scrolling Mouse Controller is specially designed to
control PS/2 mouse device. This single chip can interface three key-
switches four photo-couples plus x-axis direct to 8042 controller.
SC84510 can receive command and echo status or data format
which are compatible with IBM PS/2 mode mouse.
Key debouncing circuit is provided to prevent false entry and
improve the accuracy.
In the traditional mouse, a great number of noises are generated
when the grid is partially closed or opened. These noises are usually
mistaken for movement signals by traditional mouse controller and
the cursor of the display screen is thus moved frequently up and
down or back and forth. This will consume a great amount of energy.
The SC84510 mouse controller provides noise immunity circuits to
eliminate these noises in order to reduce energy consumption.
FEATURES
* Using 50k
±5% resistor for RC oscillation.
* Compatible with legacy PS/2 mouse.
* Compatible with Microsoft scrolling mouse.
* Built-in noise immunity circuit.
* Built-in current comparator for photo-couples input.
* Built-in three steps dynamic input impedance.
* Three key-switches and four photo-couples inputs.
* Both key-press and key-release debounce interval 12 ms.
* The sampling rate of motion detector is about 65KHz.
DIP-16
* Low power dissipation.
* Six types Z direction input:
1. Photo couples input. (Z/1)
2. Key-switches input.
3. Voltage-sensing input.
4. Mechanical input. (Z/1)
5. Photo couples input. (Z/4)
6. Mechanical input. (Z/2)
ORDERING INFORMATION
SC84510AP
DIP-16 Package, Photo couples input. (Z/1)
SC84510BP
DIP-16 Package, Key-switches input.
SC84510CP
DIP-16 Package, Voltage-sensing input.
SC84510DP
DIP-16 Package, Mechanical input. (Z/1)
SC84510EP
DIP-16 Package, Photo couples input. (Z/4)
SC84510FP
DIP-16 Package, Mechanical input. (Z/2)


Similar Part No. - SC84510DP

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC84502 SILAN-SC84502 Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
SC84502BP SILAN-SC84502BP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
TWO IN ONE SCROLLING MOUSE CONTROLLER
More results

Similar Description - SC84510DP

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
logo
Pixart Imaging Inc.
PAW3401 PIXART-PAW3401 Datasheet
619Kb / 17P
PS/2 OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com