Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84510DP Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC84510DP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Temperature Under Bias
TOPR
0~70
°C
Storage Temperature range
TSTR
-65 ~ +150
°C
Input Voltage
VIN
-0.3 ~ +6.0
V
Output Voltage
VO
-0.3 ~ +6.0
V
DC ELECTRICAL CHARACTERISTICS (Tamb=25~70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Operating Voltage
VDD
4.5
5
5.5
V
Operating Current
(No Load)
Iop
--
--
1.2
mA
CLK, DATA
Positive-going Threshold Voltage
Vt+
0.6VDD
--
0.8 VDD
V
CLK, DATA
Negative-going Threshold Voltage
Vt-
0.2 VDD
--
0.4 VDD
V
DATA, CLK Input Current (pull up resistor)
(Vin=0V)
Idc
0.56
--
1.86
mA
DATA, CLK Low Output Voltage
(Iprl=-4mA)
Vprl
--
--
0.4
V
X1, X2, Y1, Y2, Z1, Z2 (Photo Mode)
Low Input Reference Current
Ipl
60
--
--
µA
X1, X2, Y1, Y2, Z1, Z2 (Photo Mode)
High Input Reference Current
Iph
--
--
110
µA
X1, X2, Y1, Y2, Z1, Z2 (Photo Mode)
Input Current
(Input Impedance) (80
µA)
Vpi
0.8
--
1.2
V
X1, X2, Y1, Y2, Z1, Z2 (Photo Mode)
Input Current
(Input Impedance) (500
µA)
Vpi
1.5
--
2.8
V
L, M, R, OPT, Z1, Z2 (Key Mode) Input Low Voltage
Vail
--
--
0.3 VDD
V
L, M, R, OPT, Z1, Z2 (Key Mode) Input High Voltage
Vaih
0.7 VDD
--
--
V
L, M, R, Z1, Z2 (Key & Voltage Mode)
Input Resistor
(Vin=VDD)
Rmi
92
--
310
k
Ω
OPT Input Resistor
(Vin=VDD)
Rxi
133
--
400
k
Ω
OPT High Output Current
(Vin=VDD)
Vopt
4.5
--
--
V
L, M, R, X1, X2, Y2, Y2, Z1, Z2
Input Leakage Current
(Vin=0V)
Iil
0
--
-1.0
µA
VDD=4.5V
3.2
--
--
VDD=5V
4.5
--
--
V
OPT High Output Current (Iopt=10mA)
VDD=5.5V
Idc
5.5
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com