Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84510DP Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC84510DP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
Note:
1. All voltage in above table are compared with VSS.
2. All parameters in above table are tested under VDD=5V.
3. CLK & DATA output gates are open drains that connect to pull up resistors.
X1, X2, Y1, Y2 input impedance
0
1.0
2.0
3.0
4.0
5.0
5.0
UNIT:K
¡
MAX.
TYP.
MIN.
7.0
8.0
9.0
6.0
2.0
3.0
4.0
1.0
10.0
15.0
16.0
12.0
13.0
14.0
11.0
VOLTAGE (LIN)
10.0M
AC ELECTRICAL CHARACTERISTICS (Tamb=25~70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Oscillating Frequency
Fosc
34.3-10%
34.3
34.3+10% kHz
Key Debounce
Tkd
--
12
--
ms
Rising Edge Crossed Width Fosc=35KHz
Tr
14.3
--
--
µs
Falling Edge Crossed Width
Tf
14.3
--
--
µs
Mouse CLK Active Time
Tmca
--
42.9
--
µs
Mouse CLK Inactive Time
Tmci
--
42.9
--
µs
Mouse Sample DATA from CLK rising Edge
Tmdc
--
14.3
--
µs
System CLK Active Time
Tsca
--
42.9
--
µs
System CLK Inactive Time
Tsci
--
42.9
--
µs
Time from DATA Transition to Falling Edge of CLK
Tsdc
--
14.3
--
µs
Time from rising Edge of CLK to DATA Transition
Tscd
--
28.6
--
µs
Time to mouse Inhibit after the 11th CLK to ensure mouse does
not start another Transmission
Tpi
0
--
50
µs
The AC timings are measured under using 35KHz system clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com