Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC84510DP Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC84510DP
Description  PS/2 SCROLLING MOUSE CONTROLIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC84510DP Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC84510DP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC84510DP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Silan
Semiconductors
SC84510
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
PIN DESCRIPTION
Pin Name
I/O
Description
OPT
I/O
INPUT: 200k
Ω pull low to VSS.
When OPT is connected to VDD, SC84510 will enter test mode. In test mode, L will
be the output of X1, while M will be the output of X2. Toggling R key can change
these output to be Y1, Y2 or Z1, Z2 respectively.
OUTPUT: 2kHz Z-axis LED-driving source.
“1” = VDD, “0” = floating
High duty is about 60
µs.
OSC OUT
O
OSCR
I
RC mode oscillation with 50k
Ω resistor.
CLK
I/O
Connect to 8042 auxiliary port CLK line.
DATA
I/O
Connect to 8042 auxiliary port DATA line.
R
M
L
I
Three key-switches inputs.
200k
Ω resistor pull low.
X1
X2
Y1
Y2
I
Three step dynamic input impedance.
Use current comparator to measure photo-couples “ON”, or “OFF”.
Z1
Z2
I
Z-axis input.
Photo mode: Three steps dynamic input impedance. Current comparator input.
Key mode: 200k
Ω resistor pull low. 7 levels increased by “M” key.
Voltage mode: 200k
Ω resistor pull low. 7 levels voltage comparator.
Mechanical mode: 13.2k
Ω resistor pull low.
VSS
Negative power.
VDD
Power line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com