Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA7360
Description  20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 5Page - STMicroelectronics STA7360 Datasheet HTML 6Page - STMicroelectronics STA7360 Datasheet HTML 7Page - STMicroelectronics STA7360 Datasheet HTML 8Page - STMicroelectronics STA7360 Datasheet HTML 9Page - STMicroelectronics STA7360 Datasheet HTML 10Page - STMicroelectronics STA7360 Datasheet HTML 11Page - STMicroelectronics STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
STA7360
RECOMMENDED VALUES OF THE EXTERNAL COMPONENTS (ref to the Stereo Test and Application Circuit)
Figure 20. Block Diagram; Stereo Configuration
Comp.
Recommended
Value
Purpose
Larger than the Recomm.
Value
Smaller than the Recomm. Value
C1
0.22
µF
Input
Decoupling
(CH1)
––
C2
0.22
µF
Input
Decoupling
(CH2)
––
C3
100
µF
Supply Voltage
Rejection
Filtering
Capacitor
Longer Turn-On Delay Time
- Worse Supply Voltage Rejection.
- Shorter Turn-On Delay Time
- Danger of Noise (POP
C4
1
µF
Stand-By
ON/OFF Delay
Delayed Turn-Off by Stand-
By Switch
Danger of Noise (POP)
C5
220
µF (min)
Supply By-Pass
Danger of Oscillations
C6
100nF (min)
Supply By-Pass
Danger of Oscillations
C7
2200
µF
Output
Decoupling
CH2
- Decrease of Low
Frequency Cut Off
- Longer Turn On Delay
- Increase of Low Frequency Cut Off
- Shorter Turn On Delay
C8
2200
µF
Output
Decoupling
CH1
- Decrease of Low
Frequency Cut Off
- Longer Turn On Delay
- Increase of Low Frequency Cut Off
- Shorter Turn On Delay
INPUT 1
ST-BY
SVR
OUT1
OUT2
OUT BRIDGE
PWGND
GND
D00AU1215
L
R
VCC
INPUT 2
+
-
CLIPPING
DETECTOR
CLIP
DETECT
20K
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com