Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA7360
Description  20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 10Page - STMicroelectronics STA7360 Datasheet HTML 11Page - STMicroelectronics STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics STA7360 Datasheet HTML 14Page - STMicroelectronics STA7360 Datasheet HTML 15Page - STMicroelectronics STA7360 Datasheet HTML 16Page - STMicroelectronics STA7360 Datasheet HTML 17Page - STMicroelectronics STA7360 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
STA7360
T1
≈ 120 · Cout
T2
≈ 1200 · Csvr
The turn-on delay is given by:
T1+T2 STEREO
T2 BRIDGE
The best performance is obtained by driving the st-by
pin with a ramp having a slope slower than 2V/ms
TURN-OFF
A turn-off pop can occur if the st-by pin goes low with
a short time constant.This pop is due to the fast
switch-off of the internal current generator of the am-
plifier.If the voltage present across the load becomes
rapidly zero (due to the fast switch off) a small pop
occurs, depending also on Cout,Rload.
The parameters that set the switch off time constant
of the st-by pin are:
s
the st-by capacitor (C4)
s
the SVR capacitor (Csvr)
s
resistors connected from st-by pin to the logical
input (Rext)
BALANCED INPUT IN BRIDGE CONFIGURATION
A helpful characteristic of the STA7360 is that,in
bridge configuration, a signal present on both the in-
put capacitors is amplified by the same amount and
it is present in phase at the outputs,so this signal
does not produce effects on the load.The typical val-
ue of CMRR is 46dB.
Looking at fig 35, we can see that a noise signal from
the ground of the power amplifier to the ground of the
hypothetical preamplifier is amplified of a factor equal
to the gain of the amplifier (2 * Gv).
Using a configuration of fig. 36 the same ground
noise is present at the output multiplied by the factor
2 * Gv/200.
This means less distortion,less noise (e.g. motor cas-
sette noise) and/or a simplification of the layout of PC
board.
The only limitation of this balanced input is the maxi-
mum amplitude of common mode signals (few tens of
millivolt) to avoid a loss of output power due to the
common mode signal on the output, but in a large
number of cases this signal is within this range.
Figure 34.
b) Csvr = 47 µF
c) Csvr = 100 µF
(*) These parameters must be validated after final silicon character-
ization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com