Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA7360
Description  20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 5 Page - STMicroelectronics

  STA7360 Datasheet HTML 1Page - STMicroelectronics STA7360 Datasheet HTML 2Page - STMicroelectronics STA7360 Datasheet HTML 3Page - STMicroelectronics STA7360 Datasheet HTML 4Page - STMicroelectronics STA7360 Datasheet HTML 5Page - STMicroelectronics STA7360 Datasheet HTML 6Page - STMicroelectronics STA7360 Datasheet HTML 7Page - STMicroelectronics STA7360 Datasheet HTML 8Page - STMicroelectronics STA7360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
STA7360
Figure 3. BRIDGE Test and Appication Circuit
Figure 4. Board and Layout (BRIDGE) of the circuit of fig. 3 (1:1 scale)
C4
1
µF
220
µF
C5
100nF
C6
+VS
9
11
7
STAND-BY
SVR
22
µF C3
5
IN2(+)
0.22
µF C2
1
IN1(+)
0.22
µF C1
IN
8
10
OUT2
OUT1
4
OUT BRIDGE
6
3
P-GND
CLIP DET
D00AU1213
RL
20K
2
S-GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com