Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA7360
Description  20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 8Page - STMicroelectronics STA7360 Datasheet HTML 9Page - STMicroelectronics STA7360 Datasheet HTML 10Page - STMicroelectronics STA7360 Datasheet HTML 11Page - STMicroelectronics STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics STA7360 Datasheet HTML 14Page - STMicroelectronics STA7360 Datasheet HTML 15Page - STMicroelectronics STA7360 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
STA7360
12/18
Figure 25. ICV - PNP Gain vs. IC
Figure 26. ICV - PNP VCE(sat) vs. IC
Figure 27. ICV - PNP cut-off frequency vs. IC
OUTPUT STAGE
Poor current capability and low cutoff frequency are
well known limits of the standard lateral PNP. Com-
posite PNP-NPN power output stages have been
widely used, regardless their high saturation drop.
This drop can be overcome only at the expense of ex-
ternal components, namely, the bootstrap capacitors.
The availability of 4A isolated collector PNP (ICV
PNP) adds versatility to the design. The performance
of this component, in terms of gain, VCEsat and cut-
off frequency, is shown in fig. 25, 26, 27 respectively.
It is realized in a new bipolar technology, character-
ized by top-bottom isolation techniques, allowing the
implementation of low leakage diodes, too. It guaran-
tees BVCEO >20V and BVCBO >50V both for NPN
and PNP transistors. Basically, the connection
shown in fig. 13 has been chosen. First of all because
its voltage swing is rail-to-rail, limited only by the VC-
Esat of the output transistors, which are in the range
of 0.3W each. Then, the gain VOUT/VIN is greater
than unity, approximately 1+R2/R1. (VCC/2 is fixed
by an auxiliary amplifier common to both channel). It
is possible, controlling the amount of this local feed-
back, to force the loop gain (A * b) to less than unity
at frequencies for which the phase shift is 180°. This
means that the output buffer is intrinsically stable and
not prone to oscillation.
Figure 28. The New Output Stage
In contrast, with the circuit of fig. 29, the solution
adopted to reduce the gain at high frequencies is the
use of an external RC network.
AMPLIFIER BLOCK DIAGRAM
The block diagram of each voltage amplifier is shown
in fig. 30. Regardless of production spread, the cur-
rent in each final stage is kept low, with enough mar-
gin on the minimum, below which cross-over
distortion would appear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com