Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA7360 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA7360
Description  20W BRIDGE/STEREO AUDIO AMPLIFIER WITH CLIPPING DETECTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 9Page - STMicroelectronics STA7360 Datasheet HTML 10Page - STMicroelectronics STA7360 Datasheet HTML 11Page - STMicroelectronics STA7360 Datasheet HTML 12Page - STMicroelectronics STA7360 Datasheet HTML 13Page - STMicroelectronics STA7360 Datasheet HTML 14Page - STMicroelectronics STA7360 Datasheet HTML 15Page - STMicroelectronics STA7360 Datasheet HTML 16Page - STMicroelectronics STA7360 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
STA7360
Figure 29. A Classical Output Stage
Figure 30. Amplifier Block Diagram
BUILT-IN PROTECTION SYSTEMS
Short Circuit ProtectionThe maximum current the de-
vice can deliver can be calculated by considering the
voltage that may be present at the terminals of a car
radio amplifier and the minimum load impedance.
Apart from consideration concerning the area of the
power transistors it is not difficult to achieve peak cur-
rents of this magnitude (5A peak).However, it be-
comes more complicated if AC and DC short circuit
protection is also required.In particular, with a protec-
tion circuit which limits the output current following
the SOA curve of the output transistors it is possible
that in some conditions (highly reactive loads, for ex-
ample) the protection circuit may intervene during
normal operation. For this reason each amplifier has
been equipped with a protection circuit that inter-
venes when the output current exceeds 4A
Fig 16 shows the protection circuit for an NPN power
transistor (a symmetrical circuit applies to PNP). The
VBE of the power is monitored and gives out a sig-
nal,available through a cascode.
This cascode is used to avoid the intervention of the
short circuit protection when the saturation is below a
given limit.
The signal sets a flip-flop which forces the amplifier
outputs into a high impedance state.
In case of DC short circuit when the short circuit is re-
moved the flip-flop is reset and restarts the circuit (fig.
36). In case of AC short circuit or load shorted in
Bridge configuration, the device is continuously
switched in ON/OFF conditions and the current is lim-
ited.
Figure 31. Circuitry for Short Circuit Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com