Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XH Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV224XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 20Page - STMicroelectronics STV224XH Datasheet HTML 21Page - STMicroelectronics STV224XH Datasheet HTML 22Page - STMicroelectronics STV224XH Datasheet HTML 23Page - STMicroelectronics STV224XH Datasheet HTML 24Page - STMicroelectronics STV224XH Datasheet HTML 25Page - STMicroelectronics STV224XH Datasheet HTML 26Page - STMicroelectronics STV224XH Datasheet HTML 27Page - STMicroelectronics STV224XH Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
STV224XH/228XH/223XH - FUNCTIONAL DESCRIPTION
24/86
green DC levels for black point adjustment takes
place via the bus.
3.4.9 Bus-controlled Contrast & Saturation
The Contrast Control regulates internal RGB, ex-
ternal RGB and OSD RGB inputs. The maximum
attenuation on internal and external RGB inputs is
-24 dB and is limited to -12 dB for OSD RGB in-
puts. The bus-controlled saturation range is 50 dB.
3.4.10 Bus-controlled Brightness & Sharpness
The total brightness range is 60% of the black-to-
white amplitude at maximum contrast. The bright-
ness control regulates all RGB sources (internal,
external and OSD). Bus-controlled Sharpness
(peaking)
is
provided
in
PAL/SECAM/NTSC
standards.
3.4.11 Bus-controlled Coring on Sharpness
When
the
Coring-on-sharpness
function
is
switched ON, the peaking function is not active on
low amplitude signals (below 10 IRE).
3.4.12 Black Stretch
The Black Stretch circuit can be disabled via the
bus. Two modes are provided, one to be used
when the video signal is transmitted with a set-up
(7.5IRE set-up in NTSC), the other to be used
when the video signal is transmitted without a set-
up (PAL/SECAM).
3.4.13 Bus-controlled Blue Screen
The bus-controlled Blue Screen feature is used to
insert a blue background on the screen when no
video is available. The RGB OSD can be dis-
played when the blue screen is active.
3.4.14 White Insertion
This function is used to force a full white screen at
RGB output via the I²C bus or during Soft mode at
Powerdown.
3.4.15 Automatic RGB Peak Regulation (APR)
The APR function is used to take advantage of the
total RGB output range. APR circuits detect the
peak level of the RGB outputs (before OSD inser-
tion) and regulate the RGB gain (contrast) so that
signals above the APR threshold are limited. For
example, at maximum drive and contrast levels
with the APR function switched OFF, the 100 IRE
input signal gives 3 V(B/W) to the RGB outputs.
With APR ON and the APR threshold at 70 IRE,
the 70 IRE input signal gives 3 V (B/W) at RGB
outputs. For input signals above 70 IRE, the APR
will decrease the RGB gain so that amplitude at
the RGB output is always 3 V (B/W). The APR
gain control voltage is memorized on an external
capacitor where the gain decrease is very fast and
the gain increase is very slow (several frames).
The APR function can be enabled or disabled via
the I²C bus.
APR ON when register 10 hex d0 = 1 and register
07 hex d6 = 0.
3.4.16 RGB Peak Limitation
The APR function can be switched into an RGB
Peak Limitation function via the I²C bus: register
07 hex, data d6 = 1 and register 10 hex d0 = 1.
For this purpose, the APR threshold, tracked with
the contrast for the APR function, is changed in a
fixed threshold that is independent of the contrast.
In this case, the APR threshold I²C control should
be set to its maximum value.
3.5 CHROMA CIRCUIT
3.5.1 PAL/SECAM/NTSC Decoders
SVHS Chroma input; bus-controlled SVHS mode.
– 30 dB Automatic Color Control (ACC) range.
The ACC function is an automatic gain control of
the color amplifier.
– Integrated chroma base band delay line and ON/
OFF bus control.
– Automatic standard identification, with possibility
of forcing the standard via the bus.
– 3-crystal application capability for the South
American market:
The first crystal on Pin XTAL1 (3.5X MHz only),
the second crystal on Pin XTAL2 (3.5X MHz on-
ly), and the third crystal on Pin XTAL3/BTUN
(3.5X MHz only, used for PAL/NTSC application
only).
3.5.2 PAL/NTSC Decoder
ACC carried out by peak detector on synchronous
demodulation of the burst.
Fully-integrated killer function.
VCO using two standard crystals: 4.43 MHz and
3.58 MHz. One crystal is internally selected de-
pending on the standard selection. A third crystal
can be used in PAL/NTSC applications only.
VCO reference signal is available on Pin X1.
– 4.433619 MHz Crystal specification.
Mode of operation: serial resonance (without
load capacity),
Motional capacitance: CM = 13fF ±3fF,
Shunt capacitance: CP < 7pF,
Serial resistance: RS < 70W.
– 3.579545 MHz Crystal specification (NTSC M).
Mode of operation: serial resonance (without
load capacity),
Motional capacitance: CM = 11fF ±3fF,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com