Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XH Datasheet(PDF) 43 Page - STMicroelectronics

Part # STV224XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 39Page - STMicroelectronics STV224XH Datasheet HTML 40Page - STMicroelectronics STV224XH Datasheet HTML 41Page - STMicroelectronics STV224XH Datasheet HTML 42Page - STMicroelectronics STV224XH Datasheet HTML 43Page - STMicroelectronics STV224XH Datasheet HTML 44Page - STMicroelectronics STV224XH Datasheet HTML 45Page - STMicroelectronics STV224XH Datasheet HTML 46Page - STMicroelectronics STV224XH Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
43/86
4.11 I²C BUS CHARACTERISTICS
4.11.1 SCL
4.11.2 SDA
4.11.3 I²C Timing
Figure 19. I²C Bus Timing
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
-0.5
1.5
V
VIH
High Level Input Voltage
3
VCC+0.5
V
ILI
Input Leakage Current
VIN = 0 to VCC
-10
10
µA
fSCL
Clock Frequency
0
100
kHz
tR
Input Rise Time
1.5V to 3V
1.000
ns
tF
Input Fall Time
1.5V to 3V
300
ns
CI
Input Capacitance
10
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Low Level input Voltage
-0.5
1.5
V
VIH
High Level input Voltage
3
VCC+0.5
V
ILI
Input Leakage Current
VIN = 0 to VCC
-10
10
µA
CI
Input Capacitance
10
pF
tR
Input Rise Time
1.5V to 3V
1.000
ns
tF
Input Fall Time
1.5V to 3V
300
ns
VOL
Low Level Output Voltage
IOL = 3mA
0.4
V
tF
Output Fall Time
3V to 1.5V
250
ns
CL
Load Capacitance
400
pF
CI
Input Capacitance
10
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tLOW
Clock Low period
4.7
µs
tHIGH
Clock High period
4
µs
tSU,DAT
Data Set-up Time
250
ns
tHD,DAT
Data Hold Time
0
340
ns
tSU,STO
Set-up Time from Clock High to
Stop
4µs
tBUF
Start Set-up Time following a Stop
4.7
µs
tHD,STA
Start Hold Time
4
µs
tSU,STA
Start Set-up Time following Clock
Low to High Transition
4.7
µs
tBUF
tLOW
tHIGH
tHD,STA
tR
tF
tSU,STA
tHD,DAT
tSU,DAT
tSU,STO
SDA
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com