Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XH Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV224XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 36Page - STMicroelectronics STV224XH Datasheet HTML 37Page - STMicroelectronics STV224XH Datasheet HTML 38Page - STMicroelectronics STV224XH Datasheet HTML 39Page - STMicroelectronics STV224XH Datasheet HTML 40Page - STMicroelectronics STV224XH Datasheet HTML 41Page - STMicroelectronics STV224XH Datasheet HTML 42Page - STMicroelectronics STV224XH Datasheet HTML 43Page - STMicroelectronics STV224XH Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
40/86
4.10.11 Automatic RGB Peak Regulation (APR) / RGB Peak Limitation
See Figure 16 on page 42.
Note 10: At maximum contrast, APR and RGB peak limitation have the same characteristics. The APR regulation level
is tracked on contrast. The RGB peak limitation level is not tracked on contrast.
BRIGbcl
Brightness Attenuation at VTH4
100
%
Clp
High Clamping Voltage
6.5
V
SAF-thr
Safety Threshold
0.8
1
1.2
V
SAF-hold
Supply Hold Voltage
Referred to VCC1
3V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
APR/RGB
Peak
Maximum Output Level on RGB
outputs when APR/RGB Peak Limi-
tation ON
WR10 d0 = 1
Contrast Max., drive Max., no load
APR threshold Min. (50IRE)
APR threshold 70IRE
APR threshold Max. (100IRE) (see
Note 10)
2.14
3.0
4.28
V
iAPR-D
Discharging Current
5.5
µA
iAPR-C
Charging Current
5.25
mA
GAPRMAX APR max gain
APR ON = WR10 d0 = 1
RGB output amplitude with APR ON
versus RGB output amplitude with
APR OFF
+2.5
dB
GAPRMIN
APR min gain
APR ON = WR10 d0 = 1
RGB output amplitude with APR ON
versus RGB output amplitude with
APR OFF
-3.0
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com