Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XH Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV224XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 44Page - STMicroelectronics STV224XH Datasheet HTML 45Page - STMicroelectronics STV224XH Datasheet HTML 46Page - STMicroelectronics STV224XH Datasheet HTML 47Page - STMicroelectronics STV224XH Datasheet HTML 48Page - STMicroelectronics STV224XH Datasheet HTML 49Page - STMicroelectronics STV224XH Datasheet HTML 50Page - STMicroelectronics STV224XH Datasheet HTML 51Page - STMicroelectronics STV224XH Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
STV224XH/228XH/223XH - I²C BUS SELECTION
48/86
6.3.4 Tuner Delay
6.3.5 SIF Features and Audio Switches
Reg.
Addr.
(Hex)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
03
Tuner AGC Starting
Point Adjustment
6X
X
X
X
X
X
0
1
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
Min. Start point 2 mVRMS at PIF input.
Typ. Start point 12 mVRMS at PIF input.
Max. Start point 80 mVRMS at PIF input
Tuner AGC Gain
20
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
50 µA/dB.
95 µA/dB.
170 µA/dB.
270 µA/dB.
Reg.
Addr
(Hex)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
04
Main Audio Output
2X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
0
1
X
FM/AM audio selected.
External audio selected.
MUTE selected.
FM De-emphasis
Switch and FM de-
viation range con-
trol
2
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
Automatic control, according to sound standard.
De-emphasis at 75 µs and FM deviation at
±25 kHz.
De-emphasis at 50 µs and FM deviation at
±50 kHz.
Audio FM Wide mode &50 µs De-emphasis (BGDKI).
To be used with 224xH version only in QSS architec-
ture.
FM Demodulator
defeat
1X
X
X
X
X
X
0
1
X
X
X
X
X
X
X
X
0 = FM Demodulator active.
1 = FM Demodulator defeat, FM out muted.
AM/FM output se-
lection
1X
X
X
X
0
1
X
X
X
X
X
X
X
X
X
X
0 = FM output selected.
1 = AM output selected and FM demod OFF.
QSS and AM de-
modulator defeat
1
X
X
0
1
X
X
X
X
X
X
X
X
X
X
X
X
0 = QSS and AM demod active,
1 = QSS and AM demod not active (OFF)
Intercarrier filter
ON/OFF
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Intercarrier filter ON
1 = Intercarrier filter OFF
05
Volume Control
Attenuation,
Linear curve (dB)
70
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Attenuation = 0 dB.
Attenuation = 78 dB.
7-bit resolution.
Volume Control
Attenuation,
Non-linear curve
(d0 = 0, d7 = 1)
61
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
Attenuation = 0 dB.
Attenuation = 78 dB.
6-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com