Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV224XH Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV224XH
Description  I짼C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 22Page - STMicroelectronics STV224XH Datasheet HTML 23Page - STMicroelectronics STV224XH Datasheet HTML 24Page - STMicroelectronics STV224XH Datasheet HTML 25Page - STMicroelectronics STV224XH Datasheet HTML 26Page - STMicroelectronics STV224XH Datasheet HTML 27Page - STMicroelectronics STV224XH Datasheet HTML 28Page - STMicroelectronics STV224XH Datasheet HTML 29Page - STMicroelectronics STV224XH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
STV224XH/228XH/223XH - ELECTRICAL CHARACTERISTICS
26/86
4 ELECTRICAL CHARACTERISTICS
4.1 ABSOLUTE MAXIMUM RATINGS
4.2 THERMAL DATA
Refer to Section 10 for more information about TQFP64 cooling.
4.3 SUPPLY
(Supplies at Typical Values, Tamb = 25° C, I²C bus register at power-on reset value, automatic cut-off
mode, unless otherwise specified).
Symbol
Parameter
Value
Unit
VCC_8V
8 V Supply Voltage
10
V
VCC_5V
5 V Supply Voltage
7
V
VESD
Capacitor 100 pF discharged via 1.5 k
W serial resistance (Human Body Model)
±2
kV
TOPER
Operating Temperature
0, +70
°C
TSTG
Storage Temperature
-55, +150
°C
Symbol
Parameter
Typical
Value
Unit
RthJA
Junction-ambient Thermal Resistance at ambient 25°C
SDIP56
40
°C/W
RthJA
Junction-ambient Thermal Resistance at ambient 25°C
TQFP64
50
°C/W
RthJC
Junction-case Thermal Resistance at ambient 25°C
TQFP64
10
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCCIF
IF Circuit Supply Voltage
4.75
5
5.25
V
VCCD
Bus & Digital Supply Voltage
4.75
5
5.25
V
VCC1
Chroma, Scanning Supply Voltage
7.6
8
8.4
V
VCC2
Video Supply Voltage
7.6
8
8.4
V
ICCIF
VCCIF Current Consumption
VCCIF = 5 V. No-load at RGB outputs.
58
mA
ICC5F
VCC5F Current Consumption
VCCD = 5 V. No-load at RGB outputs.
48
mA
ICCI
VCCI Current Consumption
VCCI = 8 V. No-load at RGB outputs.
40
mA
ICC2
VCC2 Current Consumption
VCC2 = 8 V. No-load at RGB outputs.
56
mA
PD
Total Power Dissipation
VCCI = VCC2 = 8 V,
VCCIF = VCC5V = 5 V
No-load at RGB outputs.
1300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com