Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6889 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6889
Description  HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6889 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6889 Datasheet HTML 4Page - STMicroelectronics STV6889 Datasheet HTML 5Page - STMicroelectronics STV6889 Datasheet HTML 6Page - STMicroelectronics STV6889 Datasheet HTML 7Page - STMicroelectronics STV6889 Datasheet HTML 8Page - STMicroelectronics STV6889 Datasheet HTML 9Page - STMicroelectronics STV6889 Datasheet HTML 10Page - STMicroelectronics STV6889 Datasheet HTML 11Page - STMicroelectronics STV6889 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
STV6889
8/56
5 ABSOLUTE MAXIMUM RATINGS
All voltages are given with respect to ground.
Currents flowing from the device (sourced) are signed negative. Currents flowing to the device are signed
positive.
Symbol
Parameter
Value
Unit
Min
Max
VCC
Supply voltage (pin Vcc)
-0.4
13.5
V
V(pin)
Pins HEHTIn, VEHTIn, XRay, HOut, BOut
Pins H/HVSyn, VSyn, SCL, SDA
Pins HLckVBk, CO, RO, HPLL1F, HPosF, BRegIn,
BISense, VAGCCap, VCap, VDyCor, HOscF, VOscF
Pin HPLL2C
Pin HFly
-0.4
-0.4
-0.4
-0.4
-0.4
VCC
5.5
VRefO
VRefO/2
VRefO
V
V
V
V
V
Ilatch(pin)
Latch-up current
All pins except XRay
Pin XRay
-200
-100
200
200
mA
mA
VESD
ESD susceptibility
(human body model: discharge of 100pF through 1.5k
W)
-2000
2000
V
Tstg
Storage temperature
-40
150
°C
Tj
Junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com