Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6889 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV6889
Description  HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6889 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV6889 Datasheet HTML 10Page - STMicroelectronics STV6889 Datasheet HTML 11Page - STMicroelectronics STV6889 Datasheet HTML 12Page - STMicroelectronics STV6889 Datasheet HTML 13Page - STMicroelectronics STV6889 Datasheet HTML 14Page - STMicroelectronics STV6889 Datasheet HTML 15Page - STMicroelectronics STV6889 Datasheet HTML 16Page - STMicroelectronics STV6889 Datasheet HTML 17Page - STMicroelectronics STV6889 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
STV6889
14/56
6.6 EW drive section
Table 3. EW drive section (VCC = 12V, Tamb = 25°C)
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
VEW
Output voltage on EWOut pin
1.8
6.5
V
IEWOut
Current delivered by EWOut out-
put
-1.5
0.1
mA
VHEHT
Control voltage range on HEH-
TIn pin
16
V
VHEHTnull
Neutral point on breathing char-
acteristics. See Figure 15.(16)
4.0
V
VEW-DC
DC component of the EW-drive
signal on EWOut pin(30)
(24)(25)(26)(27)(28)(36)(42)(43)
EWTrHFr
=0 or VHO>VHOThrfr
HSIZE (Sad10h):
00000000b
10000000b
11111111b
2
3.25
4.5
V
V
V
VEW-base
DC reference for the EW-drive
signal on EWOut pin
2V
Breathing compensation on DC
component of the EW-drive sig-
nal(30)
(24)(25)(26)(27)(42)(43)
VRefO < VHEHT < VCC
VHEHT(min)£VHEHT£VHE-
HT(max):
HEHTG (Sad1Bh):
x0000000b
x1000000b
x1111111b
0
0
-0.25
0
+0.25
V/V
V/V
V/V
V/V
V/V
Temperature drift of DC compo-
nent of the EW-drive signal(30)
(24)(25)(26)(27)(28)(36)(42)(43)
(44)
100
ppm/°C
VEW-PCC
Pin cushion correction compo-
nent of the EW-drive signal
(24)(25)(26)(28)(29)(31)
(32)(36)(42)(43)
VSIZE at maximum
PCC (Sad0Ch):
x0000000b
x1000000b
x1111111b
Tracking with VSIZE:
PCC at x1000000b
VSIZE (Sad07h):
x0000000b
x1000000b
0
0.75
1.5
0.25
0.5
V
V
V
V
V
Tracking of PCC component of
the EW-drive signal with vertical
position adjustment
(24)(25)(26)(29)(33)(35)(36)(42)(43)
PCC at x1111111b
VPOS (Sad08h):
x0000000b
x1111111b
0.5
2.0
VEW-Key
Keystone correction component
of the EW-drive signal
(25)(26)(27)(28)(29)(33)(34)(36)(42)(
43)
KEYST (Sad0Dh):
x0000000b
x1111111b
0.4
-0.4
V
V
VEW DC
–
D
V
HEHT
D
-----------------------
VEW DC
–
D
V
EW DC
–
T
D
×
--------------------------------
V
EW PCC
–
t
vr
0
=
[]
V
EW PCC
–
t
vr
T
VR
=
[]
--------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com