Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6889 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV6889
Description  HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6889 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV6889 Datasheet HTML 40Page - STMicroelectronics STV6889 Datasheet HTML 41Page - STMicroelectronics STV6889 Datasheet HTML 42Page - STMicroelectronics STV6889 Datasheet HTML 43Page - STMicroelectronics STV6889 Datasheet HTML 44Page - STMicroelectronics STV6889 Datasheet HTML 45Page - STMicroelectronics STV6889 Datasheet HTML 46Page - STMicroelectronics STV6889 Datasheet HTML 47Page - STMicroelectronics STV6889 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
STV6889
44/56
Table 9. IDC/DC controller Off-to-On edge timing
Figure 16. DC/DC converter controller block diagram
BOutPh
(Sad07h/D7)
BOHEdge
(Sad17h/D3)
Timing of Off-to-On transition on BOut output
0
1
VCO ramp top at Horizontal frequency divided by two
0
0
Middle of H-flyback plus tBTrigDel
1
0
Falling edge of H-drive signal
1
1
Rising edge of H-drive signal
N type
Soft start
H-drive edge
H-fly-back
+
-
+
-
+
-
~500ns
Monostable
P type
Feedback
C2
(I²C)
B-drive inhibition
(I²C)
(+delay)
(I²C)
2R
R
VBReg
I1
I2
I3
VC2
O1
¸2
28
BOut
16
BISense
10
HPosF
14
BComp
15
BRegIn
BOutPol
BOutPh
BOHEdge
VThrBIsCurr
VCO
1
0
1
0
1
0
VCC
C1
S
Q
R
(safety functions)
timing
+
-
B-drive protection at H-unlock
(safety functions)
C3
Safety block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com