Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6889 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV6889
Description  HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6889 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV6889 Datasheet HTML 20Page - STMicroelectronics STV6889 Datasheet HTML 21Page - STMicroelectronics STV6889 Datasheet HTML 22Page - STMicroelectronics STV6889 Datasheet HTML 23Page - STMicroelectronics STV6889 Datasheet HTML 24Page - STMicroelectronics STV6889 Datasheet HTML 25Page - STMicroelectronics STV6889 Datasheet HTML 26Page - STMicroelectronics STV6889 Datasheet HTML 27Page - STMicroelectronics STV6889 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
STV6889
24/56
Note 55: For any H and V correction component of the waveforms on EWOut and VOut pins and internal waveform for
corrections of H asymmetry, displayed in the table, the weight of the other relevant components is nullified
(minimum for parabola, S-correction, medium for keystone, all corner corrections, C-correction, S- and W-pin
cushion corrections, parallelogram, pin cushion asymmetry correction, written in corresponding registers).
Top corner
asymmetry
correction
13h
x0000000
x1111111
Bottom corner
asymmetry
correction
14h
x0000000
x1111111
Vertical
dynamic
correction
amplitude
15h
VDyCor
(32)
01111111
Application dependent
x0000000
11111111
Table 7. Typical output waveforms - Note 55
Function
Sad
Pin
Byte
Waveform
Effect on Screen
tVR
0
½T
VR
TVR
static
H-phase
tTCAC
tVR
0
½T
VR
TVR
static
H-phase
tTCAC
tVR
0
½T
VR
TVR
static
H-phase
tBCAC
tVR
0
½T
VR
TVR
static
H-phase
tBCAC
tVR
0
½TVR
TVR
VDyCorPol=0
VVD-V
VVD-DC
tVR
0
½TVR
TVR
VVD-DC
VVD-V
tVR
0
½TVR
TVR
VDyCorPol=1
VVD-DC
VVD-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com