Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6889 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV6889
Description  HIGH-END I²C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6889 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV6889 Datasheet HTML 21Page - STMicroelectronics STV6889 Datasheet HTML 22Page - STMicroelectronics STV6889 Datasheet HTML 23Page - STMicroelectronics STV6889 Datasheet HTML 24Page - STMicroelectronics STV6889 Datasheet HTML 25Page - STMicroelectronics STV6889 Datasheet HTML 26Page - STMicroelectronics STV6889 Datasheet HTML 27Page - STMicroelectronics STV6889 Datasheet HTML 28Page - STMicroelectronics STV6889 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
STV6889
25/56
8 I²C-BUS CONTROL REGISTER MAP
The device slave address is 8C in write mode and 8D in read mode. The control register map is given in
Table .
Bold weight denotes default value at Power-On-Reset.
I²C-bus data in the adjustment register is buffered and internally applied with discharge of the vertical os-
cillator (56).
In order to ensure compatibility with future devices, all “Reserved” bits should be set to 0.
Table 8. I²C-bus control registers
Sad
D7
D6D5D4D3D2D1D0
WRITE MODE (SLAVE ADDRESS = 8C)
00
HDutySyncV
1: Synchro.
0: Asynchro.
HDUTY
Horizontal duty cycle
0
0
0
0
0
0
0
01
HPOS
Horizontal position
1
0000
000
02
HMoiréMode
1: Separated
0: Combined
HMOIRE
Horizontal moiré amplitude
0000
000
03
B+SyncV
0: Asynchro.
BREF
B+reference
1000
000
04
Reserved
05
Reserved
06
BOutPol
0: Type N
Reserved
07
BOutPh
0: H-flyback
1: H-drive
VSIZE
Vertical size
1000
000
08
EWTrHFr
0: No tracking
VPOS
Vertical position
1000
000
09
Reserved
SCOR
S-correction
1000
000
0A
Reserved
CCOR
C-correction
1000
000
0B
Reserved
VMOIRE
Vertical moiré amplitude
0000
000
0C
Reserved
PCC
Pin cushion correction
1000
000
0D
Reserved
KEYST
Keystone correction
1000
000
0E
Reserved
TCC
Top corner correction
1000
000
0F
Reserved
BCC
Bottom corner correction
1000
000
10
HSIZE
Horizontal size
1
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com