Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUVC66 Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NUVC66
Description  Surface Mount UV LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVC66 Datasheet(HTML) 2 Page - NIC-Components Corp.

  NUVC66 Datasheet HTML 1Page - NIC-Components Corp. NUVC66 Datasheet HTML 2Page - NIC-Components Corp. NUVC66 Datasheet HTML 3Page - NIC-Components Corp. NUVC66 Datasheet HTML 4Page - NIC-Components Corp. NUVC66 Datasheet HTML 5Page - NIC-Components Corp. NUVC66 Datasheet HTML 6Page - NIC-Components Corp. NUVC66 Datasheet HTML 7Page - NIC-Components Corp. NUVC66 Datasheet HTML 8Page - NIC-Components Corp. NUVC66 Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
Specifications are subject to change
RANKING CODES (Forward Current 20mA)
Part Numbers
Ranking
Codes
(Note 2)
Wavelength
(nm)
Radiant Flux
(mW)
Voltage
(V)
Thermal
Resistance
(Typical) Note 1
Spectrum Half
Width
(Typical)
Viewing Angle
(Typical)
Typical
Min.
Min.
Max.
Rth j-c
Dl
2 q 1/2
NUVC66DW278TRF
R1-V1
278
1.30
5.70
6.25
37°C/W
12.0nm
121°
R1-V2
6.25
6.75
R1-V3
6.75
7.30
R2-V1
1.60
5.70
6.25
R2-V2
6.25
6.75
R2-V3
6.75
7.30
R3-V1
1.90
5.70
6.25
R3-V2
6.25
6.75
R3-V3
6.75
7.30
R4-V1
2.20
5.70
6.25
R4-V2
6.25
6.75
R4-V3
6.75
7.30
R5-V1
2.50
5.70
6.25
R5-V2
6.25
6.75
R5-V3
6.75
7.30
Surface Mount UV LED
NUVC66 Series
Note 1 - Rthj-c = Thermal Resistance (Junction - Case)
Note 2 - Actual ranking code will be specified by NIC on reel label.
TYPICAL CHARACTERISTIC CURVES
FORWARD CURRENT VS. RELATIVE RADIANT FLUX @ +25°C
FORWARD CURRENT (mA)
1.5
1.0
0.5
0
20
10
0
NUVC66DW278TRF
30
FORWARD VOLTAGE VS. FORWARD CURRENT @ +25°C
NUVC66DW278TRF
FORWARD VOLTAGE (V)
30
20
10
0
6.0
5.0
4.0
7.0
25
15
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com