Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUVC66 Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NUVC66
Description  Surface Mount UV LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVC66 Datasheet(HTML) 8 Page - NIC-Components Corp.

  NUVC66 Datasheet HTML 1Page - NIC-Components Corp. NUVC66 Datasheet HTML 2Page - NIC-Components Corp. NUVC66 Datasheet HTML 3Page - NIC-Components Corp. NUVC66 Datasheet HTML 4Page - NIC-Components Corp. NUVC66 Datasheet HTML 5Page - NIC-Components Corp. NUVC66 Datasheet HTML 6Page - NIC-Components Corp. NUVC66 Datasheet HTML 7Page - NIC-Components Corp. NUVC66 Datasheet HTML 8Page - NIC-Components Corp. NUVC66 Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount UV LED
NUVC66 Precautions
Precautions for storage, handling and use of UV LED components
Storage Conditions:
Before opening moisture barrier bag: 5°C ~ 30°C < 50% RH. Use within 1 year from the delivery date.
After opening moisture barrier bag: 5°C ~ 30°C < 60% RH. Solder < 672 hours
Baking conditions: 65°C ± 5° < 10% RH 10 ~ 24 hours
ESD Precautions:
LEDs are sensitive to static electricity or surge voltage and current. Electrostatic discharge can damage LED
components and affect component reliability. When handling LEDs the following measures against ESD are
recommended :
1. Wear a wrist strap, anti-static clothes, foot wear and gloves.
2. Set up a grounded or anti-static paint floors, a grounded or the ability to surge protection workstation equipment
and tools.
3. Work tables and benches should have surface mat made of a conductive materials. Appropriate grounding is
required for all devices, equipment, and machinery used in the product assembly.
4. Incorporate surge protection when reviewing the design of products (Curing Module, etc).
5. If tools or equipment contain insulating materials such as glass or plastics are used the following measures against
ESD are strongly recommended :
a. Dissipating static charge with conductive materials
b. Preventing charge generation with moisture
c. Plug in the ionizing blowers(ionizer) for neutralizing the charge
d. The customer is advised to check if the LEDs are damaged by ESD when performing the characteristics
inspection of the LEDs in the application.
e. Damage of LED can be detected with a forward voltage checking(measuring) at low current(≤1mA). LEDs
damaged by ESD may have a current flow at a low voltage.
* Failure Criteria : VF < 4.0V at If= 0.5mA.
Thermal Management:
Thermal management is an important consideration with respect to heat dissipation and the performance of
NUVC parts. The thermal design of the product must be carefully considered during the design stage.
The co-effficency between heat generation and input power is affected by the thermal resistance of the circuit
board and the density of LED placement and other components.
The deep UV (UVC) LED should be soldered on a metal PCB with high thermal conductivity or a combination
of metal PCB, large volume heat sink (heat block) and mini (compact/slim) air or water cooling system.
The LED module or system should be design so that the LED package does not exceed the maximum
specified junction temperature (Tj).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com