Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUVC66 Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NUVC66
Description  Surface Mount UV LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVC66 Datasheet(HTML) 5 Page - NIC-Components Corp.

  NUVC66 Datasheet HTML 1Page - NIC-Components Corp. NUVC66 Datasheet HTML 2Page - NIC-Components Corp. NUVC66 Datasheet HTML 3Page - NIC-Components Corp. NUVC66 Datasheet HTML 4Page - NIC-Components Corp. NUVC66 Datasheet HTML 5Page - NIC-Components Corp. NUVC66 Datasheet HTML 6Page - NIC-Components Corp. NUVC66 Datasheet HTML 7Page - NIC-Components Corp. NUVC66 Datasheet HTML 8Page - NIC-Components Corp. NUVC66 Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
Specifications are subject to change
Surface Mount UV LED
NUVC66 Series
Item
Dimension (mm)
a
7.44 ± 0.10
b
6.18 ± 0.10
c
1.40 ± 0.10
d
1.40 ± 0.10
e
2.30 ± 0.10
f
3.50 ± 0.10
g
6.18 ± 0.10
h
7.44 ± 0.10
LAND PATTERN DIMENSIONS
Termination
Connection
1
Anode
2
Thermal Pad (Heat Sink)
3
Cathode
Time (seconds)
T
P
T
L
T
smax
T
smin
25°C
Max. Ramp up rate - 3°C/s
Max. Ramp down rate - 6°C/s
Preheat Area
t
P
T
C -5°C
t
L
t
S
Time 25°C to Peak
REFLOW SOLDERING PROFILE
(25°C 30mA)
(60°C,
10mA)
TEMPERATURE DERATING CURVE (Rth j-a = +90°C/W)
(Ambient Temperature vs. Allowable Forward Current)
AMBIENT TEMPERATURE (°C)
40
30
10
60
40
20
0
0
20
c
b
h
f
e
1
2
3
g
d
a
Item
Specification
Preheat (Soak Time)
T
smin
T
smax
T
smin ~ Tsmax
150°C
200°C
60 ~ 120 sec.
Ramp Up Rate
3°C/sec.
T
L (Liquidous Temp.)
217°C
Time above T
L
60 ~ 150 sec.
T
P (Peak Temp.)
260°C
Time at T
P ±5°C
30 sec.
Ramp Down Rate
6°C/sec.
Maximum Time from
25°C to T
P
8 minutes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com