Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUVC66 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NUVC66
Description  Surface Mount UV LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVC66 Datasheet(HTML) 1 Page - NIC-Components Corp.

  NUVC66 Datasheet HTML 1Page - NIC-Components Corp. NUVC66 Datasheet HTML 2Page - NIC-Components Corp. NUVC66 Datasheet HTML 3Page - NIC-Components Corp. NUVC66 Datasheet HTML 4Page - NIC-Components Corp. NUVC66 Datasheet HTML 5Page - NIC-Components Corp. NUVC66 Datasheet HTML 6Page - NIC-Components Corp. NUVC66 Datasheet HTML 7Page - NIC-Components Corp. NUVC66 Datasheet HTML 8Page - NIC-Components Corp. NUVC66 Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
FEATURES
• SURFACE MOUNT 6.00mm x 6.00mm x 1.35mm
• WAVELENGTH 278nm FOR DISINFECTION
• RoHS COMPLIANT & HALOGEN FREE
• COMPATIBLE WITH REFLOW SOLDERING
• TAPE AND REEL PACKAGING
SPECIFICATIONS
Case Sizes
66 (6.0x6.0x1.35mm)
Wavelength
278nm (typical)
Forward Current
20mA
Radiant Flux
1.30mW (minimum)
Power Dissipation
130mW
Operating Temperature*
-40°C ~ +60°C
Junction Temperature
<+65°C
Thermal Resistance (Typical) Note 1
37°C/W
**
Viewing Angle
121°
*After soldering storage temperature is -40°C ~ +100°C
Note 1 - Rthj-c = Thermal Resistance (Junction - Case)
Item
Dimension (mm)
L1
6.00 ± 0.15
L2
5.00 +0.20/-0.10
W
6.00 ± 0.15
H
1.35 ± 0.14
Wt
5.70 ± 0.10
T1
0.70 ± 0.10
T2
1.05 ± 0.10
T3
2.20 ± 0.10
L1
W
H
L2
Cathode Marking
T1
Wt
COMPONENT DIMENSIONS
Termination Connection
1
Cathode
2
Heat Sink
3
Anode
3
Internal Circuit Diagram
(+)
(-)
Protection Device
Anode
Cathode
Surface Mount UV LED
NUVC66 Series
WAVELENGTH CODES
Code
Typical Wavelength
DW
278nm
NUVC66 DW 278 TR F
F = RoHS Compliant
TR = Tape & Reel Packaging
Typical Wave Length
Wavelength Code
Series Prefix
PART NUMBERING SYSTEM
2
1
T2
T3
T2
**See special notes regarding thermal management on page 8.


Similar Part No. - NUVC66

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E Datasheet
105Kb / 2P
LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
113Kb / 2P
LD Slot Module
More results

Similar Description - NUVC66

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
UV LED
logo
NIC-Components Corp.
NUVA33 NIC-NUVA33 Datasheet
1Mb / 11P
Surface Mount UV LED
NUVA35 NIC-NUVA35 Datasheet
640Kb / 10P
Surface Mount UV LED
NUVA66 NIC-NUVA66 Datasheet
872Kb / 12P
Surface Mount UV LED
NUVA77 NIC-NUVA77 Datasheet
778Kb / 13P
Surface Mount UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
UV LED
logo
Luminus, Inc
SST-10-UV LUMINUS-SST-10-UV Datasheet
2Mb / 13P
Surface Mount UV LED
logo
Bivar, Inc.
SM1206UV-395-IL BIVAR-SM1206UV-395-IL Datasheet
623Kb / 5P
SURFACE MOUNT LED 395 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-400-IL BIVAR-SM1206UV-400-IL Datasheet
622Kb / 5P
SURFACE MOUNT LED 400 nm, 1206 UV IL PACKAGE
Revision B 09/10
SM1206UV-405-IL BIVAR-SM1206UV-405-IL Datasheet
622Kb / 5P
SURFACE MOUNT LED 405 nm, 1206 UV IL PACKAGE
Revision B 09/10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com