Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUVC66 Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NUVC66
Description  Surface Mount UV LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NUVC66 Datasheet(HTML) 3 Page - NIC-Components Corp.

  NUVC66 Datasheet HTML 1Page - NIC-Components Corp. NUVC66 Datasheet HTML 2Page - NIC-Components Corp. NUVC66 Datasheet HTML 3Page - NIC-Components Corp. NUVC66 Datasheet HTML 4Page - NIC-Components Corp. NUVC66 Datasheet HTML 5Page - NIC-Components Corp. NUVC66 Datasheet HTML 6Page - NIC-Components Corp. NUVC66 Datasheet HTML 7Page - NIC-Components Corp. NUVC66 Datasheet HTML 8Page - NIC-Components Corp. NUVC66 Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
Specifications are subject to change
Surface Mount UV LED
NUVC66 Series
FORWARD CURRENT VS. PEAK WAVELENGTH @ +25°C
FORWARD CURRENT (mA)
285
280
275
270
265
30
10
20
0
NUVC66DW278TRF
0
45
-45
-90
90
NUVC66DW278TRF
RADIATION CHARACTERISTICS
(Angle of Beam Spread, Directivity)
+25°C, 20mA If
60
75
30
-60
-75
-30
15
-15
SPECTRUM @ +25°C & 20mA
PEAK WAVELENGTH (nm)
400
320
240
280
360
1.00
0.80
0.60
0.40
0.20
0.00
NUVC66DW278TRF
440
1.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com